Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 160 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 160 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 156Page - National Semiconductor (TI) SC1100 Datasheet HTML 157Page - National Semiconductor (TI) SC1100 Datasheet HTML 158Page - National Semiconductor (TI) SC1100 Datasheet HTML 159Page - National Semiconductor (TI) SC1100 Datasheet HTML 160Page - National Semiconductor (TI) SC1100 Datasheet HTML 161Page - National Semiconductor (TI) SC1100 Datasheet HTML 162Page - National Semiconductor (TI) SC1100 Datasheet HTML 163Page - National Semiconductor (TI) SC1100 Datasheet HTML 164Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 348 page
background image
www.national.com
160
Revision 1.1
Core Logic Module (Continued)
3Ch-3Fh
32
R/W
Audio Bus Master 3 PRD Table Address
00000000h
Page 243
40h
8
R/W
Audio Bus Master 4 Command Register
00h
Page 243
41h
8
RC
Audio Bus Master 4 SMI Status Register
00h
Page 244
42h-43h
--
--
Not Used
---
Page 244
44h-47h
32
R/W
Audio Bus Master 4 PRD Table Address
00000000h
Page 244
48h
8
R/W
Audio Bus Master 5 Command Register
00h
Page 244
49h
8
RC
Audio Bus Master 5 SMI Status Register
00h
Page 245
4Ah-4Bh
--
--
Not Used
---
Page 245
4Ch-4Fh
32
R/W
Audio Bus Master 5 PRD Table Address
00000000h
Page 245
Table 5-23. F3BAR0: XpressAUDIO Support Registers Summary (Continued)
F3BAR0+
Memory
Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-38)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com