Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 159 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 159 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 155Page - National Semiconductor (TI) SC1100 Datasheet HTML 156Page - National Semiconductor (TI) SC1100 Datasheet HTML 157Page - National Semiconductor (TI) SC1100 Datasheet HTML 158Page - National Semiconductor (TI) SC1100 Datasheet HTML 159Page - National Semiconductor (TI) SC1100 Datasheet HTML 160Page - National Semiconductor (TI) SC1100 Datasheet HTML 161Page - National Semiconductor (TI) SC1100 Datasheet HTML 162Page - National Semiconductor (TI) SC1100 Datasheet HTML 163Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 348 page
background image
Revision 1.1
159
www.national.com
Core Logic Module (Continued)
Table 5-22. F3: PCI Header Registers for XpressAUDIO Support Summary
F3 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-37)
00h-01h
16
RO
Vendor Identification Register
100Bh
Page 231
02h-03h
16
RO
Device Identification Register
0503h
Page 231
04h-05h
16
R/W
PCI Command Register
0000h
Page 231
06h-07h
16
RO
PCI Status Register
0280h
Page 231
08h
8
RO
Device Revision ID Register
00h
Page 231
09h-0Bh
24
RO
PCI Class Code Register
040100h
Page 231
0Ch
8
RO
PCI Cache Line Size Register
00h
Page 231
0Dh
8
RO
PCI Latency Timer Register
00h
Page 231
0Eh
8
RO
PCI Header Type Register
00h
Page 231
0Fh
8
RO
PCI BIST Register
00h
Page 231
10h-13h
32
R/W
Base Address Register 0 (F3BAR0) — Sets the base address for
the memory mapped VSA audio interface control register block
(summarized in Table 5-23).
00000000h
Page 231
14h-2Bh
--
--
Reserved
00h
Page 231
2Ch-2Dh
16
RO
Subsystem Vendor ID
100Bh
Page 231
2Eh-2Fh
16
RO
Subsystem ID
0503h
Page 231
30h-FFh
--
--
Reserved
00h
Page 231
Table 5-23. F3BAR0: XpressAUDIO Support Registers Summary
F3BAR0+
Memory
Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-38)
00h-03h
32
R/W
Codec GPIO Status Register
00000000h
Page 232
04h-07h
32
R/W
Codec GPIO Control Register
00000000h
Page 232
08h-0Bh
32
R/W
Codec Status Register
00000000h
Page 232
0Ch-0Fh
32
R/W
Codec Command Register
00000000h
Page 233
10h-11h
16
RC
Second Level Audio SMI Status Register
0000h
Page 233
12h-13h
16
RO
Second Level Audio SMI Status Mirror Register
0000h
Page 234
14h-17h
32
RO
I/O Trap SMI and Fast Write Status Register
00000000h
Page 235
18h-19h
16
R/W
I/O Trap SMI Enable Register
0000h
Page 236
1Ah-1Bh
16
R/W
Internal IRQ Enable Register
0000h
Page 237
1Ch-1Fh
32
R/W
Internal IRQ Control Register
00000000h
Page 238
20h
8
R/W
Audio Bus Master 0 Command Register
00h
Page 239
21h
8
RC
Audio Bus Master 0 SMI Status Register
00h
Page 240
22h-23h
--
--
Not Used
---
Page 240
24h-27h
--
R/W
Audio Bus Master 0 PRD Table Address
00000000h
Page 240
28h
8
R/W
Audio Bus Master 1 Command Register
00h
Page 240
29h
8
RC
Audio Bus Master 1 SMI Status Register
00h
Page 241
2Ah-2Bh
--
--
Not Used
---
Page 241
2Ch-2Fh
32
R/W
Audio Bus Master 1 PRD Table Address
00000000h
Page 241
30h
8
R/W
Audio Bus Master 2 Command Register
00h
Page 241
31h
8
RC
Audio Bus Master 2 SMI Status Register
00h
Page 242
32h-33h
--
--
Not Used
00h
Page 242
34h-37h
32
R/W
Audio Bus Master 2 PRD Table Address
00000000h
Page 242
38h
8
R/W
Audio Bus Master 3 Command Register
00h
Page 242
39h
8
RC
Audio Bus Master 3 SMI Status Register
00h
Page 243
3Ah-3Bh
--
--
Not Used
---
Page 243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com