Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 158 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 158 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 154Page - National Semiconductor (TI) SC1100 Datasheet HTML 155Page - National Semiconductor (TI) SC1100 Datasheet HTML 156Page - National Semiconductor (TI) SC1100 Datasheet HTML 157Page - National Semiconductor (TI) SC1100 Datasheet HTML 158Page - National Semiconductor (TI) SC1100 Datasheet HTML 159Page - National Semiconductor (TI) SC1100 Datasheet HTML 160Page - National Semiconductor (TI) SC1100 Datasheet HTML 161Page - National Semiconductor (TI) SC1100 Datasheet HTML 162Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 348 page
background image
www.national.com
158
Revision 1.1
Core Logic Module (Continued)
Table 5-20. F2: PCI Header Registers for IDE Controller Support Summary
F2 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-35)
00h-01h
16
RO
Vendor Identification Register
100Bh
Page 225
02h-03h
16
RO
Device Identification Register
0502h
Page 225
04h-05h
16
R/W
PCI Command Register
0000h
Page 225
06h-07h
16
RO
PCI Status Register
0280h
Page 225
08h
8
RO
Device Revision ID Register
01h
Page 225
09h-0Bh
24
RO
PCI Class Code Register
010180h
Page 225
0Ch
8
RO
PCI Cache Line Size Register
00h
Page 225
0Dh
8
RO
PCI Latency Timer Register
00h
Page 225
0Eh
8
RO
PCI Header Type Register
00h
Page 225
0Fh
8
RO
PCI BIST Register
00h
Page 225
10h-13h
32
RO
Base Address Register 0 (F2BAR0) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 225
14h-17h
32
RO
Base Address Register 1 (F2BAR1) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 225
18h-1Bh
32
RO
Base Address Register 2 (F2BAR2) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 225
1Ch-1Fh
32
RO
Base Address Register 3 (F2BAR3) — Reserved for possible
future use by the Core Logic module.
00000000h
Page 225
20h-23h
32
R/W
Base Address Register 4 (F2BAR4) — Sets the base address for
the I/O mapped Bus Master IDE Registers (summarized in Table
5-21)
00000001h
Page 225
24h-2Bh
--
--
Reserved
00h
Page 225
2Ch-2Dh
16
RO
Subsystem Vendor ID
100Bh
Page 225
2Eh-2Fh
16
RO
Subsystem ID
0502h
Page 225
30h-3Fh
--
--
Reserved
00h
Page 225
40h-43h
32
R/W
Channel 0 Drive 0 PIO Register
00009172h
Page 226
44h-47h
32
R/W
Channel 0 Drive 0 DMA Control Register
00077771h
Page 227
48h-4Bh
32
R/W
Channel 0 Drive 1 PIO Register
00009172h
Page 227
4Ch-4Fh
32
R/W
Channel 0 Drive 1 DMA Control Register
00077771h
Page 227
50h-FFh
--
--
Reserved
00h
Page 228
Table 5-21. F2BAR4: IDE Controller Support Registers Summary
F2BAR4+
I/O Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-36)
00h
8
R/W
IDE Bus Master 0 Command Register — Primary
00h
Page 229
01h
--
--
Not Used
--
Page 229
02h
8
R/W
IDE Bus Master 0 Status Register — Primary
00h
Page 229
03h
--
--
Not Used
--
Page 229
04h-07h
32
R/W
IDE Bus Master 0 PRD Table Address — Primary
00000000h
Page 229



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com