Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 156 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 156 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 152Page - National Semiconductor (TI) SC1100 Datasheet HTML 153Page - National Semiconductor (TI) SC1100 Datasheet HTML 154Page - National Semiconductor (TI) SC1100 Datasheet HTML 155Page - National Semiconductor (TI) SC1100 Datasheet HTML 156Page - National Semiconductor (TI) SC1100 Datasheet HTML 157Page - National Semiconductor (TI) SC1100 Datasheet HTML 158Page - National Semiconductor (TI) SC1100 Datasheet HTML 159Page - National Semiconductor (TI) SC1100 Datasheet HTML 160Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 348 page
background image
www.national.com
156
Revision 1.1
Core Logic Module (Continued)
Table 5-17. F1: PCI Header Registers for SMI Status and ACPI Support Summary
F1 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-32)
00h-01h
16
RO
Vendor Identification Register
100Bh
Page 207
02h-03h
16
RO
Device Identification Register
0511h
Page 207
04h-05h
16
R/W
PCI Command Register
0000h
Page 207
06h-07h
16
RO
PCI Status Register
0280h
Page 207
08h
8
RO
Device Revision ID Register
00h
Page 207
09h-0Bh
24
RO
PCI Class Code Register
068000h
Page 207
0Ch
8
RO
PCI Cache Line Size Register
00h
Page 207
0Dh
8
RO
PCI Latency Timer Register
00h
Page 207
0Eh
8
RO
PCI Header Type Register
00h
Page 207
0Fh
8
RO
PCI BIST Register
00h
Page 207
10h-13h
32
R/W
Base Address Register 0 (F1BAR0) — Sets the base address for
the I/O mapped SMI Status Registers (summarized in Table 5-18).
00000001h
Page 207
14h-2Bh
--
--
Reserved
00h
Page 207
2Ch-2Dh
16
RO
Subsystem Vendor ID
100Bh
Page 207
2Eh-2Fh
16
RO
Subsystem ID
0501h
Page 207
30h-3Fh
--
--
Reserved
00h
Page 207
40h-43h
32
R/W
Base Address Register 1 (F1BAR1) — Sets the base address for
the I/O mapped ACPI Support Registers (summarized in Table 5-
19)
00000001h
Page 207
44h-FFh
--
--
Reserved
00h
Page 207
Table 5-18. F1BAR0: SMI Status Registers Summary
F1BAR0+
I/O Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-33)
00h-01h
16
RO
Top Level PME/SMI Status Mirror Register
0000h
Page 208
02h-03h
16
RO/RC
Top Level PME/SMI Status Register
0000h
Page 209
04h-05h
16
RO
Second Level General Traps & Timers PME/SMI Status Mirror
Register
0000h
Page 210
06h-07h
16
RC
Second Level General Traps & Timers PME/SMI Status Register
0000h
Page 211
08h-09h
16
Read to
Enable
SMI Speedup Disable Register
0000h
Page 212
0Ah-1Bh
--
--
Reserved
00h
Page 212
1Ch-1Fh
32
RO
ACPI Timer Register
xxxxxxxxh
Page 212
20h-21h
16
RO
Second Level ACPI PME/SMI Status Mirror Register
0000h
Page 212
22h-23h
16
RC
Second Level ACPI PME/SMI Status Register
0000h
Page 213
24h-27h
32
R/W
External SMI Register
00000000h
Page 213
28h-4Fh
--
--
Not Used
00h
Page 215
50h-FFh
--
--
The I/O mapped registers located here (F1BAR0+I/O Offset 50h-FFh) are also accessible at F0
Index 50h-FFh. The preferred method is to program these registers through the F0 register space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com