Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 153 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 153 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 149Page - National Semiconductor (TI) SC1100 Datasheet HTML 150Page - National Semiconductor (TI) SC1100 Datasheet HTML 151Page - National Semiconductor (TI) SC1100 Datasheet HTML 152Page - National Semiconductor (TI) SC1100 Datasheet HTML 153Page - National Semiconductor (TI) SC1100 Datasheet HTML 154Page - National Semiconductor (TI) SC1100 Datasheet HTML 155Page - National Semiconductor (TI) SC1100 Datasheet HTML 156Page - National Semiconductor (TI) SC1100 Datasheet HTML 157Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 348 page
background image
Revision 1.1
153
www.national.com
Core Logic Module (Continued)
70h-71h
16
R/W
IOCS1# Base Address Register
0000h
Page 176
72h
8
R/W
IOCS1# Control Register
00h
Page 176
73h
8
---
Reserved
00h
Page 176
74h-75h
16
R/W
IOCS0 Base Address Register
0000h
Page 176
76h
8
R/W
IOCS0 Control Register
00h
Page 176
77h
--
--
Reserved
00h
Page 177
78h-7Bh
32
R/W
DOCCS Base Address Register
00000000h
Page 177
7Ch-7Fh
32
R/W
DOCCS Control Register
00000000h
Page 177
80h
8
R/W
Power Management Enable Register 1
00h
Page 177
81h
8
R/W
Power Management Enable Register 2
00h
Page 178
82h
8
R/W
Power Management Enable Register 3
00h
Page 179
83h
8
R/W
Power Management Enable Register 4
00h
Page 180
84h
8
RO
Second Level PME/SMI Status Mirror Register 1
00h
Page 181
85h
8
RO
Second Level PME/SMI Status Mirror Register 2
00h
Page 182
86h
8
RO
Second Level PME/SMI Status Mirror Register 3
00h
Page 182
87h
8
RO
Second Level PME/SMI Status Mirror Register 4
00h
Page 183
88h
8
R/W
General Purpose Timer 1 Count Register
00h
Page 184
89h
8
R/W
General Purpose Timer 1 Control Register
00h
Page 184
8Ah
8
R/W
General Purpose Timer 2 Count Register
00h
Page 185
8Bh
8
R/W
General Purpose Timer 2 Control Register
00h
Page 185
8Ch
8
R/W
IRQ Speedup Timer Count Register
00h
Page 186
8Dh-92h
--
--
Reserved
00h
Page 186
93h
8
R/W
Miscellaneous Device Control Register
00h
Page 186
94h-95h
16
R/W
Suspend Modulation Register
0000h
Page 186
96h
8
R/W
Suspend Configuration Register
00h
Page 187
97h
--
--
Reserved
00h
Page 187
98h-99h
16
R/W
Hard Disk Idle Timer Count Register — Primary Channel
0000h
Page 187
9Ah-9Bh
16
R/W
Floppy Disk Idle Timer Count Register
0000h
Page 187
9Ch-9Dh
16
R/W
Parallel / Serial Idle Timer Count Register
0000h
Page 188
9Eh-9Fh
16
R/W
Keyboard / Mouse Idle Timer Count Register
0000h
Page 188
A0h-A1h
16
R/W
User Defined Device 1 Idle Timer Count Register
0000h
Page 188
A2h-A3h
16
R/W
User Defined Device 2 Idle Timer Count Register
0000h
Page 188
A4h-A5h
16
R/W
User Defined Device 3 Idle Timer Count Register
0000h
Page 188
AAh-ABh
--
--
Reserved
00h
Page 188
ACh-ADh
16
R/W
Hard Disk Idle Timer Count Register — Secondary Channel
0000h
Page 188
AEh
8
WO
CPU Suspend Command Register
00h
Page 189
AFh
8
WO
Suspend Notebook Command Register
00h
Page 189
B0h-B3h
--
--
Reserved
00h
Page 189
B4h
8
RO
Floppy Port 3F2h Shadow Register
xxh
Page 189
B5h
8
RO
Floppy Port 3F7h Shadow Register
xxh
Page 189
B6h
8
RO
Floppy Port 1F2h Shadow Register
xxh
Page 189
B7h
8
RO
Floppy Port 1F7h Shadow Register
xxh
Page 189
B8h
8
RO
DMA Shadow Register
xxh
Page 189
B9h
8
RO
PIC Shadow Register
xxh
Page 190
BAh
8
RO
PIT Shadow Register
xxh
Page 190
BBh
8
RO
RTC Index Shadow Register
xxh
Page 190
BCh
8
R/W
Clock Stop Control Register
00h
Page 190
BDh-BFh
--
--
Reserved
00h
Page 191
Table 5-14. F0: PCI Header and Bridge Configuration Registers
for GPIO and LPC Support Summary (Continued)
F0 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com