Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 149 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 149 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 145Page - National Semiconductor (TI) SC1100 Datasheet HTML 146Page - National Semiconductor (TI) SC1100 Datasheet HTML 147Page - National Semiconductor (TI) SC1100 Datasheet HTML 148Page - National Semiconductor (TI) SC1100 Datasheet HTML 149Page - National Semiconductor (TI) SC1100 Datasheet HTML 150Page - National Semiconductor (TI) SC1100 Datasheet HTML 151Page - National Semiconductor (TI) SC1100 Datasheet HTML 152Page - National Semiconductor (TI) SC1100 Datasheet HTML 153Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 348 page
background image
Revision 1.1
149
www.national.com
Core Logic Module (Continued)
5.2.12.4 IRQ Configuration Registers
The Core Logic module provides the ability to set and clear
IRQs internally through software control. If the IRQs are
configured for software control, they do not respond to
external hardware. There are two registers provided for this
feature:
• Internal IRQ Enable Register (F3BAR0+Memory Offset
1Ah)
• Internal IRQ Control Register (F3BAR0+Memory Offset
1Ch)
Internal IRQ Enable Register
The Internal IRQ Enable register configures the IRQs as
internal (software) interrupts or external (hardware) inter-
rupts. Any IRQ used as an internal software driven source
must be configured as internal.
Internal IRQ Control Register
The Internal IRQ Control register allows individual software
assertion/deassertion of the IRQs that are enabled as inter-
nal. These bits are used as masks when attempting to write
a particular IRQ bit. If the mask bit is set, it can then be
asserted/deasserted according to the value in the low-
order 16 bits. Otherwise the assertion/deassertion values
of the particular IRQ can not be changed.
5.2.13 LPC Interface
The LPC interface of the Core Logic module is based on
the Intel Low Pin Count (LPC) Interface specification, revi-
sion 1.0. In addition to the required pins specified in the
Intel LPC Interface specification, the Core Logic module
also supports two optional pins: LDRQ# and SERIRQ.
The following subsections briefly describe some sections
of the specification. However, for full details refer to the
LPC specification directly.
The goals of the LPC interface are to:
• Enable a system without an ISA bus.
• Reduce the cost of traditional ISA bus devices.
• Use on a motherboard only.
• Perform the same cycle types as the ISA bus: memory,
I/O, DMA, and Bus Master.
• Increase the memory space from 16 MB to 4 GB to allow
BIOS sizes much greater.
• Provide synchronous design. Much of the challenge of
an ISA design is meeting the different, and in some
cases conflicting, ISA timings. Make the timings
synchronous to a reference well known to component
designers, such as PCI.
• Support software transparency: do not require special
drivers or configuration for this interface. The mother-
board BIOS should be able to configure all devices at
boot.
• Support desktop and mobile implementations.
• Enable support of a variable number of wait states.
• Enable I/O memory cycle retries in SMM handler.
• Enable support of wakeup and other power state transi-
tions.
Assumptions and functionality requirements of the LPC
interface are:
• Only the following class of devices may be connected to
the LPC interface:
— SuperI/O (FDC, SP, PP, IR, KBC) - I/O slave, DMA,
bus master (for IR, PP).
— Audio, including AC97 style design - I/O slave, DMA,
bus master.
— Generic Memory, including BIOS - Memory slave.
— System Management Controller - I/O slave, bus
master.
• Interrupts are communicated with the serial interrupt
(SERIRQ) protocol.
• The LPC interface does not need to support high-speed
buses (such as CardBus, 1394, etc.) downstream, nor
does it need to support low-latency buses such as USB.
Figure 5-15 shows a typical setup. In this setup, the LPC is
connected through the Core Logic module to a PCI or host
bus.
Figure 5-15. Typical Setup
PCI/Host Bus
ISA (Optional)
LPC
KBC
SP
PP
FDC
Core Logic
SuperI/O Module
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com