Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 152 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 152 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 148Page - National Semiconductor (TI) SC1100 Datasheet HTML 149Page - National Semiconductor (TI) SC1100 Datasheet HTML 150Page - National Semiconductor (TI) SC1100 Datasheet HTML 151Page - National Semiconductor (TI) SC1100 Datasheet HTML 152Page - National Semiconductor (TI) SC1100 Datasheet HTML 153Page - National Semiconductor (TI) SC1100 Datasheet HTML 154Page - National Semiconductor (TI) SC1100 Datasheet HTML 155Page - National Semiconductor (TI) SC1100 Datasheet HTML 156Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 348 page
background image
www.national.com
152
Revision 1.1
Core Logic Module (Continued)
5.3.2
Register Summary
The tables in this subsection summarize the registers of the Core Logic module. Included in the tables are the register’s
reset values and page references where the bit formats are found.
Note:
Function 4 (F4) is reserved.
Table 5-14. F0: PCI Header and Bridge Configuration Registers
for GPIO and LPC Support Summary
F0 Index
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-29)
00h-01h
16
RO
Vendor Identification Register
100Bh
Page 166
02h-03h
16
RO
Device Identification Register
0510h
Page 166
04h-05h
16
R/W
PCI Command Register
000Fh
Page 166
06h-07h
16
R/W
PCI Status Register
0280h
Page 167
08h
8
RO
Device Revision ID Register
00h
Page 167
09h-0Bh
24
RO
PCI Class Code Register
060100h
Page 167
0Ch
8
R/W
PCI Cache Line Size Register
00h
Page 168
0Dh
8
R/W
PCI Latency Timer Register
00h
Page 168
0Eh
8
RO
PCI Header Type Register
80h
Page 168
0Fh
8
RO
PCI BIST Register
00h
Page 168
10h-13h
32
R/W
Base Address Register 0 (F0BAR0) — Sets the base address for
the I/O mapped GPIO Runtime and Configuration Registers (sum-
marized in Table 5-15).
00000001h
Page 168
14h-17h
32
R/W
Base Address Register 1 (F0BAR1) — Sets the base address for
the I/O mapped LPC Configuration Registers (summarized in
Table 5-16)
00000001h
Page 168
18h-2Bh
--
--
Reserved
00h
Page 168
2Ch-2Dh
16
RO
Subsystem Vendor ID
100Bh
Page 168
2Eh-2Fh
16
RO
Subsystem ID
0500h
Page 168
30h-3Fh
--
--
Reserved
00h
Page 168
40h
8
R/W
PCI Function Control Register 1
39h
Page 169
41h
8
R/W
PCI Function Control Register 2
00h
Page 169
42h
--
--
Reserved
00h
Page 169
43h
8
R/W
PIT Delayed Transactions Register
02h
Page 170
44h
8
R/W
Reset Control Register
01h
Page 170
45h
--
--
Reserved
00h
Page 170
46h
8
R/W
PCI Functions Enable Register
FEh
Page 171
47h
8
R/W
Miscellaneous Enable Register
00h
Page 171
48h-4Bh
--
--
Reserved
00h
Page 171
4Ch-4Fh
32
R/W
Top of System Memory
FFFFFFFFh
Page 171
50h
8
R/W
PIT Control/ISA CLK Divider
7Bh
Page 171
51h
8
R/W
ISA I/O Recovery Control Register
40h
Page 172
52h
8
R/W
ROM/AT Logic Control Register
98h
Page 172
53h
8
R/W
Alternate CPU Support Register
00h
Page 173
54h-59h
--
--
Reserved
00h
Page 173
5Ah
8
R/W
Decode Control Register 1
01h
Page 173
5Bh
8
R/W
Decode Control Register 2
20h
Page 174
5Ch
8
R/W
PCI Interrupt Steering Register 1
00h
Page 174
5Dh
8
R/W
PCI Interrupt Steering Register 2
00h
Page 175
5Eh-5Fh
--
--
Reserved
00h
Page 175
60h-63h
32
R/W
ACPI Control Register
00000000h
Page 175
64h-6Dh
--
--
Reserved
00h
Page 175
6Eh-6Fh
16
R/W
ROM Mask Register
FFF0h
Page 176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com