Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 146 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 146 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 142Page - National Semiconductor (TI) SC1100 Datasheet HTML 143Page - National Semiconductor (TI) SC1100 Datasheet HTML 144Page - National Semiconductor (TI) SC1100 Datasheet HTML 145Page - National Semiconductor (TI) SC1100 Datasheet HTML 146Page - National Semiconductor (TI) SC1100 Datasheet HTML 147Page - National Semiconductor (TI) SC1100 Datasheet HTML 148Page - National Semiconductor (TI) SC1100 Datasheet HTML 149Page - National Semiconductor (TI) SC1100 Datasheet HTML 150Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 348 page
background image
www.national.com
146
Revision 1.1
Core Logic Module (Continued)
5.2.12.2 AC97 Codec Interface
The AC97 codec (e.g., LM4548) is the master of the serial
interface and generates the clocks to Core Logic module.
Figure 5-13 shows the signal connections between a codec
and the SC1100:
For PC speaker synthesis, the Core Logic module outputs
the PC speaker signal on the PC_BEEP ball which is con-
nected to the PC_BEEP input of the AC97 codec. Note that
PC_BEEP is muxed on ball AE18 with GPIO16+IRRX1
and must be programmed via PMR[0] (see Table 3-2 on
page 50).
Codec Configuration/Control Registers
The codec 32-bit related registers:
• Codec GPIO Status Register
(F3BAR0+Memory Offset 00h)
• Codec GPIO Control Register
(F3BAR0+Memory Offset 04h)
• Codec Status Register
(F3BAR0+Memory Offset 08h)
• Codec Command Register
(F3BAR0+Memory Offset 0Ch)
Codec GPIO Status and Control Registers:
The Codec GPIO Status and Control registers are used for
codec GPIO related tasks such as enabling a codec GPIO
interrupt to cause an SMI.
Codec Status Register:
The Codec Status register stores the codec status WORD.
It is updated every valid Status Word slot.
Codec Command Register:
The Codec Command register writes the control WORD to
the codec. By writing the appropriate control WORDs to
this port, the features of the codec can be controlled. The
contents of this register are written to the codec during the
Control Word slot.
The bit formats for these registers are given in Table 5-38
"F3BAR0+Memory Offset: XpressAUDIO Configuration
Registers" on page 232.
Figure 5-13. AC97 V2.0 Codec Signal Connections
BIT_CLK
PC_BEEP
SDATA_OUT
AC97_CLK
PC_BEEP
SDATA_OUT
SDATA_IN
Codec
BIT_CLK
XTAL_I
SYNC
SYNC
SDATA_IN
Geode™
SC1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com