Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 144 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 144 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 140Page - National Semiconductor (TI) SC1100 Datasheet HTML 141Page - National Semiconductor (TI) SC1100 Datasheet HTML 142Page - National Semiconductor (TI) SC1100 Datasheet HTML 143Page - National Semiconductor (TI) SC1100 Datasheet HTML 144Page - National Semiconductor (TI) SC1100 Datasheet HTML 145Page - National Semiconductor (TI) SC1100 Datasheet HTML 146Page - National Semiconductor (TI) SC1100 Datasheet HTML 147Page - National Semiconductor (TI) SC1100 Datasheet HTML 148Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 348 page
background image
www.national.com
144
Revision 1.1
Core Logic Module (Continued)
Physical Region Descriptor Table Address
Before the bus master starts a master transfer it must be pro-
grammed with a pointer (PRD Table Address register) to a
Physical Region Descriptor Table. This pointer sets the start-
ing memory location of the Physical Region Descriptors
(PRDs). The PRDs describe the areas of memory that are
used in the data transfer. The descriptor table entries must be
aligned on a 32-byte boundary and the table cannot cross a
64 KB boundary in memory.
Physical Region Descriptor Format
Each physical memory region to be transferred is
described by a Physical Region Descriptor (PRD) as illus-
trated in Table 5-11. When the bus master is enabled
(Command register bit 0 = 1), data transfer proceeds until
each PRD in the PRD table has been transferred. The bus
master does not cache PRDs.
The PRD table consists of two DWORDs. The first
DWORD contains a 32-bit pointer to a buffer to be trans-
ferred. The second DWORD contains the size (16 bits) of
the buffer and flags (EOT, EOP, JMP). The description of
the flags are as follows:
• EOT bit - If set in a PRD, this bit indicates the last entry
in the PRD table (bit 31). The last entry in a PRD table
must have either the EOT bit or the JMP bit set. A PRD
can not have both the JMP and EOT bits set.
• EOP bit - If set in a PRD and the bus master has
completed the PRD’s transfer, the End of Page bit is set
(Status register bit 0 = 1) and an SMI is generated. If a
second EOP is reached due to the completion of
another PRD before the End of Page bit is cleared, the
Bus Master Error bit is set (Status register bit 1 = 1) and
the bus master pauses. In this paused condition,
reading the Status register clears both the Bus Master
Error and the End of Page bits and the bus master
continues.
• JMP bit - This PRD is special. If set, the Memory Region
Physical Base Address is now the target address of the
JMP. The target must be on a 32-byte boundary so
bits[4:0] must be written to 0. There is no data transfer
with this PRD. This PRD allows the creation of a looping
mechanism. If a PRD table is created with the JMP bit
set in the last PRD, the PRD table does not need a PRD
with the EOT bit set. A PRD can not have both the JMP
and EOT bits set.
Programming Model
The following discussion explains, in steps, how to initiate
and maintain a bus master transfer between memory and
an audio slave device.
In the steps listed below, the reference to “Example” refers
to Figure 5-12 "PRD Table Example" on page 145.
1)
Software creates a PRD table in system memory.
Each PRD entry is 8 bytes long; consisting of a base
address pointer and buffer size. The maximum data
that can be transferred from a PRD entry is 64 KB. A
PRD table must be aligned on a 32-byte boundary.
The last PRD in a PRD table must have the EOT or
JMP bit set.
Example - Assume the data is outbound. There are
three PRDs in the example PRD table. The first two
PRDs (PRD_1, PRD_2) have only the EOP bit set.
The last PRD (PRD_3) has only the JMP bit set. This
example creates a PRD loop.
2)
Software loads the starting address of the PRD table by
programming the PRD Table Address register.
Example - Program the PRD Table Address register
with Address_3.
3)
Software must fill the buffers pointed to by the PRDs
with audio data. It is not absolutely necessary to fill the
buffers; however, the buffer filling process must stay
ahead of the buffer emptying. The simplest way to do
this is by using the EOP flags to generate an SMI
when a PRD is empty.
Example - Fill Audio Buffer_1 and Audio Buffer_2. The
SMI generated by the EOP from the first PRD allows
the software to refill Audio Buffer_1. The second SMI
refills Audio Buffer_2. The third SMI refills Audio
Buffer_1 and so on.
Table 5-11. Physical Region Descriptor Format
DWORD
Byte 3
Byte 2
Byte 1
Byte 0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
876
5432
10
0
Memory Region Base Address [31:1] (Audio Data Buffer)
0
1E
O
T
E
O
P
J
M
P
Reserved
Size [15:1]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com