Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 143 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 143 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 139Page - National Semiconductor (TI) SC1100 Datasheet HTML 140Page - National Semiconductor (TI) SC1100 Datasheet HTML 141Page - National Semiconductor (TI) SC1100 Datasheet HTML 142Page - National Semiconductor (TI) SC1100 Datasheet HTML 143Page - National Semiconductor (TI) SC1100 Datasheet HTML 144Page - National Semiconductor (TI) SC1100 Datasheet HTML 145Page - National Semiconductor (TI) SC1100 Datasheet HTML 146Page - National Semiconductor (TI) SC1100 Datasheet HTML 147Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 348 page
background image
Revision 1.1
143
www.national.com
Core Logic Module (Continued)
5.2.11 GPIO Interface
Up to 64 GPIOs in the Core Logic module are provided for
system control. For further information, see Section 3.2
"Multiplexing, Interrupt Selection, and Base Address Regis-
ters" on page 50 and Table 5-30 "F0BAR0+I/O Offset:
GPIO Configuration Registers" on page 196.
Note:
Not all GPIOs are available on SC1100 balls.
GPIOs [63:48], [46:42], [31:21], and [5:4] are
reserved.
5.2.12 Integrated Audio
The Core Logic module provides hardware support for the
Virtual (soft) Audio subsystem as part of the Virtual System
Architecture(VSA) technology for capture and playback
of audio using an external codec. This eliminates much of
the hardware traditionally associated with audio functions.
This hardware support includes:
• XpressAUDIO with 16-bit stereo FM synthesis and
OPL3 emulation.
• Six-channel buffered PCI bus mastering interface.
• AC97 version 2.0 compatible interface to the codec. Any
codec, which supports an independent input and output
sample rate conversion interface, can be used with the
Core Logic module.
Additional hardware provides the necessary functionality
for VSA. This hardware includes the ability to:
• Generate an SMI to alert software to update required
data. An SMI is generated when either audio buffer is
half empty or full. If the buffers become completely
empty or full, the Empty bit is asserted.
• Generate an SMI on I/O traps.
• Trap accesses for sound card compatibility at either I/O
Port 220h-22Fh, 240h-24Fh, 260h-26Fh, or 280h-28Fh.
• Trap accesses for FM compatibility at I/O Port 388h-
38Bh.
• Trap accesses for MIDI UART interface at I/O Port
300h-301h or 330h-331h.
• Trap accesses for serial input and output at COM2 (I/O
Port 2F8h-2FFh) or COM4 (I/O Port 2E8h-2EFh).
• Support trapping for low (I/O Port 00h-0Fh) and/or high
(I/O Port C0h-DFh) DMA accesses.
• Support hardware status register reads in Core Logic
module, minimizing SMI overhead.
• Support is provided for software-generated IRQs on IRQ
2, 3, 5, 7, 10, 11, 12, 13, 14, and 15.
The following subsections include details of the registers
used for configuring the audio interface. The registers are
accessed through F3 Index 10h, the Base Address Regis-
ter (F3BAR0) in Function 3. F3BAR0 sets the base
address for the XpressAUDIO support registers as shown
in Table 5-37 "F3: PCI Header Registers for XpressAUDIO
Audio Configuration" on page 231.
5.2.12.1 Data Transport Hardware
The data transport hardware can be broadly divided into
two sections: bus mastering and the codec interface.
Audio Bus Masters
The Core Logic module audio hardware includes six PCI
bus masters (three for input and three for output) for trans-
ferring digitized audio between memory and the external
codec. With these bus master engines, the Core Logic
module off-loads the CPU and improves system perfor-
mance.
The programming interface defines a simple scatter/gather
mechanism allowing large transfer blocks to be scattered
to or gathered from memory. This cuts down on the num-
ber of interrupts to and interactions with the CPU.
The six bus masters that directly drive specific slots on the
AC97 interface are described in Table 5-10.
Table 5-10. Bus Masters That Drive Specific Slots of the AC97 Interface
Audio Bus
Master #
Slots
Description
0
3 and 4
32-Bit output to codec. Left and right channels.
1
3 and 4
32-Bit input from codec. Left and right channels.
2
5
16-Bit output to codec.
3
5
16-Bit input from codec.
4
6 or 11
16-Bit output to codec. Slot in use is determined by F3BAR0+Memory Offset 08h[19].
5
6 or 11
16-Bit input from codec. Slot in use is determined by F3BAR0+Memory Offset 08h[20].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com