Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 141 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 141 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 137Page - National Semiconductor (TI) SC1100 Datasheet HTML 138Page - National Semiconductor (TI) SC1100 Datasheet HTML 139Page - National Semiconductor (TI) SC1100 Datasheet HTML 140Page - National Semiconductor (TI) SC1100 Datasheet HTML 141Page - National Semiconductor (TI) SC1100 Datasheet HTML 142Page - National Semiconductor (TI) SC1100 Datasheet HTML 143Page - National Semiconductor (TI) SC1100 Datasheet HTML 144Page - National Semiconductor (TI) SC1100 Datasheet HTML 145Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 348 page
background image
Revision 1.1
141
www.national.com
Core Logic Module (Continued)
Figure 5-11. General Purpose Timer and UDEF Trap SMI Tree Example
SMI# Asserted
SMM software reads SMI Header
If Bit X = 0
(Internal SMI)
If Bit X = 1
(External SMI)
Call internal SMI handler
to take appropriate action
GX1
Core Logic
F1BAR0+I/O
Read to Clear
to determine
top-level source
of SMI
F1BAR0+I/O
Offset 06h
Read to Clear
Bits [15:10]
Bits [8:0]
Bit 9
GTMR_TRP_SMI
Offset 02h
Module
to determine
second-level
source of SMI
Bit 5
PCI_TRP_SMI
Bit 4
UDEF3_TRP_SMI
Bit 3
UDEF2_TRP_SMI
Bit 2
UDEF1_TRP_SMI
Bit 1
GPT2_SMI
Bit 0
GPT1_SMI
Take
Appropriate
Action
Other_SMI
Other_SMI
If bit 9 = 1,
Source of SMI
is GP Timer or UDEF Trap
Bits [15:6]
RSVD
Top Level
Second Level
SMI Deasserted after all SMI Sources are Cleared
(i.e., Top and Second Levels - note some sources may have a Third Level)
Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com