Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 142 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 142 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 138Page - National Semiconductor (TI) SC1100 Datasheet HTML 139Page - National Semiconductor (TI) SC1100 Datasheet HTML 140Page - National Semiconductor (TI) SC1100 Datasheet HTML 141Page - National Semiconductor (TI) SC1100 Datasheet HTML 142Page - National Semiconductor (TI) SC1100 Datasheet HTML 143Page - National Semiconductor (TI) SC1100 Datasheet HTML 144Page - National Semiconductor (TI) SC1100 Datasheet HTML 145Page - National Semiconductor (TI) SC1100 Datasheet HTML 146Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 348 page
background image
www.national.com
142
Revision 1.1
Core Logic Module (Continued)
5.2.10.4 Power Management Programming Summary
Table 5-9 provides a programming register summary for the
power management timers, traps, and functions. For com-
plete bit information regarding the registers listed in Table
5-9, refer to Section 5.4.1 "Bridge, GPIO, and LPC Regis-
ters - Function 0" on page 166.
Table 5-9. Device Power Management Programming Summary
Device Power
Management Resource
Located at F0 Index xxh Unless Otherwise Noted
Enable
Configuration
Second Level
SMI Status/No Clear
Second Level SMI
Status/With Clear
Traps
80h[2]
N/A
N/A
N/A
Idle Timers
80h[1]
N/A
N/A
N/A
Power Management
80h[0]
N/A
N/A
N/A
Keyboard / Mouse Idle Timer
81h[3]
93h[1:0]
85h[3]
F5h[3]
Parallel / Serial Idle Timer
81h[2]
93h[1:0]
85h[2]
F5h[2]
Floppy Disk Idle Timer
81h[1]
9Ah[15:0], 93h[7]
85h[1]
F5h[1]
Primary Hard Disk Idle Timer
81h[0]
98h[15:0], 93h[5]
85h[0]
F5h[0]
Secondary Hard Disk Idle Timer
83h[7]
ACh[15:0], 93h[4]
86h[4]
F6h[4]
User Defined Device 1 Idle
Timer
81h[4]
A0h[15:0], C0h[31:0],
CCh[7:0]
85h[4]
F5h[4]
User Defined Device 2 Idle
Timer
81h[5]
A2h[15:0], C4h[31:0],
CDh[7:0]
85h[5]
F5h[5]
User Defined Device 3 Idle
Timer
81h[6]
A4h[15:0], C8h[31:0],
CEh[7:0]
85h[6]
F5h[6]
Global Trap Enable
80h[2]
N/A
N/A
N/A
Keyboard / Mouse Trap
82h[3]
9Eh[15:0] 93h[1:0]
86h[3]
F6h[3]
Parallel / Serial Trap
82h[2]
9Ch[15:0], 93h[1:0]
86h[2]
F6h[2]
Floppy Disk Trap
82h[1]
93h[7]
86h[1]
F6h[1]
Primary Hard Disk Trap
82h[0]
93h[5]
86h[0]
F6h[0]
Secondary Hard Disk Trap
83h[6]
93h[4]
86h[5]
F6h[5]
User Defined Device 1 Trap
82h[4]
C0h[31:0], CCh[7:0]
F1BAR0+I/O
Offset 04h[2]
F1BAR0+I/O
Offset 06h[2]
User Defined Device 2 Trap
82h[5]
C4h[31:0], CDh[7:0]
F1BAR0+I/O
Offset 04h[3]
F1BAR0+I/O
Offset 06h[3]
User Defined Device 3 Trap
82h[6]
C8h[31:0], CEh[7:0]
F1BAR0+I/O
Offset 04h[4]
F1BAR0+I/O
Offset 06h[4]
General Purpose Timer 1
83h[0]
88h[7:0], 89h[7:0], 8Bh[4]
F1BAR0+I/O
Offset 04h[0]
F1BAR0+I/O
Offset 06h[0]
General Purpose Timer 2
83h[1]
8Ah[7:0], 8Bh[5,3,2]
F1BAR0+I/O
Offset 04h[1]
F1BAR0+I/O
Offset 06h[1]
Suspend Modulation
96h[0]
94h[15:0], 96h[2:0]
N/A
N/A
IRQ Speedup
80h[3]
8Ch[7:0]
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com