Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 147 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 147 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 143Page - National Semiconductor (TI) SC1100 Datasheet HTML 144Page - National Semiconductor (TI) SC1100 Datasheet HTML 145Page - National Semiconductor (TI) SC1100 Datasheet HTML 146Page - National Semiconductor (TI) SC1100 Datasheet HTML 147Page - National Semiconductor (TI) SC1100 Datasheet HTML 148Page - National Semiconductor (TI) SC1100 Datasheet HTML 149Page - National Semiconductor (TI) SC1100 Datasheet HTML 150Page - National Semiconductor (TI) SC1100 Datasheet HTML 151Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 348 page
background image
Revision 1.1
147
www.national.com
Core Logic Module (Continued)
5.2.12.3 VSA Technology Support Hardware
The Core Logic module incorporates the required hard-
ware in order to support the Virtual System Architecture
(VSA™) technology for capture and playback of audio
using an external codec. This eliminates much of the hard-
ware traditionally associated with industry standard audio
functions.
XpressAUDIO software provides 16-bit compatible sound.
This software is available to OEMs for incorporation into
the system BIOS ROM.
VSA Technology
VSA technology provides a framework to enable software
implementation of traditionally hardware-only components.
VSA software executes in System Management Mode
(SMM), enabling it to execute transparently to the operat-
ing system, drivers, and applications.
The VSA design is based upon a simple model for replac-
ing hardware components with software. Hardware to be
virtualized is merely replaced with simple access detection
circuitry which asserts the
SMI# (System Management
Interrupt) internal signal when hardware accesses are
detected. The current execution stream is immediately pre-
empted, and the processor enters SMM. The SMM system
software then saves the processor state, initializes the VSA
execution environment, decodes the SMI source, and dis-
patches handler routines which have registered requests to
service the decoded SMI source. Once all handler routines
have completed, the processor state is restored and nor-
mal
execution
resumes.
In
this
manner,
hardware
accesses are transparently replaced with the execution of
SMM handler software.
Historically, SMM software was used primarily for the sin-
gle purpose of facilitating active power management for
notebook designs. That software’s only function was to
manage the power-up and down of devices to save power.
With high performance processors now available, it is fea-
sible to implement, primarily in SMM software, PC capabili-
ties traditionally provided by hardware. In contrast to power
management code, this virtualization software generally
has strict performance requirements to prevent application
performance from being significantly impacted.
Audio SMI Related Registers
The SMI related registers consist of:
• Audio SMI Status Reporting Registers:
— Top Level SMI Mirror and Status Registers
(F1BAR0+Memory Offset 00h/02h)
— Second Level SMI Status Registers
(F3BAR0+Memory Offset 10h/12h)
• I/O Trap SMI and Fast Write Status Register
(F3BAR0+Memory Offset 14h)
• I/O Trap SMI Enable Register (F3BAR0+Memory Offset
18h)
Audio SMI Status Reporting Registers:
The Top SMI Status Mirror and Status registers are the top
level of hierarchy for the SMI handler in determining the
source
of
an
SMI.
These
two
registers
are
at
F1BAR0+Memory Offset 00h (Status Mirror) and 02h (Sta-
tus). The registers are identical except that reading the reg-
ister at F1BAR0+Memory Offset 02h clears the status.
The second level of audio SMI status reporting is set up
very much like the top level. There are two status reporting
registers, one “read only” (mirror) and one “read to clear”.
The data returned by reading either offset is the same (i.e.,
SMI was caused by an audio related event). The difference
between F3BAR0+Memory Offset 12h (Status Mirror) and
10h (Status) is in the ability to clear the SMI source at 10h.
Figure 5-14 shows an SMI tree for checking and clearing
the source of an audio SMI. Only the audio SMI bit is
detailed here. For details regarding the remaining bits in
the Top SMI Status Mirror and Status registers refer to
Table 5-33 "F1BAR0+I/O Offset: SMI Status Registers" on
page 208.
I/O Trap SMI and Fast Write Status Register:
This 32-bit read-only register (F3BAR0+Memory Offset
14h) not only indicates if the enabled I/O trap generated an
SMI, but also contains Fast Path Write related bits.
I/O Trap SMI Enable Register:
The I/O Trap SMI Enable register (F3BAR0+Memory Off-
set 18h) allows traps for specified I/O addresses and con-
figures generation for I/O events. It also contains the
enabling bit for Fast Path Read/Write features.
Status Fast Path Read/Write
Status Fast Path Read – If enabled, the Core Logic module
intercepts and responds to reads to several status regis-
ters. This speeds up operations, and prevents SMI genera-
tion for reads to these registers. This process is called
Status Fast Path Read. Status Fast Path Read is enabled
via F3BAR0+Memory Offset 18h[4].
In Status Fast Path Read the Core Logic module responds
to reads of the following addresses:
388h-38Bh, 2x0h, 2x1h, 2x2h, 2x3h, 2x8h and 2x9h
Note that if neither sound card or FM I/O mapping is
enabled, then status read trapping is not possible.
Fast Path Write – If enabled, the Core Logic module cap-
tures certain writes to several I/O locations. This feature
prevents two SMIs from being asserted for write operations
that are known to take two accesses (the first access is an
index and the second is data). This process is called Fast
Path Write. Fast Path Write is enabled via F3BAR0+Mem-
ory Offset 18h[11].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com