Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 163 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 163 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 159Page - National Semiconductor (TI) SC1100 Datasheet HTML 160Page - National Semiconductor (TI) SC1100 Datasheet HTML 161Page - National Semiconductor (TI) SC1100 Datasheet HTML 162Page - National Semiconductor (TI) SC1100 Datasheet HTML 163Page - National Semiconductor (TI) SC1100 Datasheet HTML 164Page - National Semiconductor (TI) SC1100 Datasheet HTML 165Page - National Semiconductor (TI) SC1100 Datasheet HTML 166Page - National Semiconductor (TI) SC1100 Datasheet HTML 167Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 348 page
background image
Revision 1.1
163
www.national.com
Core Logic Module (Continued)
Table 5-27. USB_BAR: USB Controller Registers Summary
USB_BAR0
+Memory
Offset
Width
(Bits)
Type
Name
Reset
Value
Reference
(Table 5-42)
00h-03h
32
R/W
HcRevision
00000110h
Page 254
04h-07h
32
R/W
HcControl
00000000h
Page 254
08h-0Bh
32
R/W
HcCommandStatus
00000000h
Page 254
0Ch-0Fh
32
R/W
HcInterruptStatus
00000000h
Page 255
10h-13h
32
R/W
HcInterruptEnable
00000000h
Page 255
14h-17h
32
R/W
HcInterruptDisable
00000000h
Page 256
18h-1Bh
32
R/W
HcHCCA
00000000h
Page 256
1Ch-1Fh
32
R/W
HcPeriodCurrentED
00000000h
Page 256
20h-23h
32
R/W
HcControlHeadED
00000000h
Page 256
24h-27h
32
R/W
HcControlCurrentED
00000000h
Page 256
28h-2Bh
32
R/W
HcBulkHeadED
00000000h
Page 256
2Ch-2Fh
32
R/W
HcBulkCurrentED
00000000h
Page 257
30h-33h
32
R/W
HcDoneHead
00000000h
Page 257
34h-37h
32
R/W
HcFmInterval
00002EDFh
Page 257
38h-3Bh
32
RO
HcFrameRemaining
00000000h
Page 257
3Ch-3Fh
32
RO
HcFmNumber
00000000h
Page 257
40h-43h
32
R/W
HcPeriodicStart
00000000h
Page 257
44h-47h
32
R/W
HcLSThreshold
00000628h
Page 257
48h-4Bh
32
R/W
HcRhDescriptorA
01000002h
Page 258
4Ch-4Fh
32
R/W
HcRhDescriptorB
00000000h
Page 258
50h-53h
32
R/W
HcRhStatus
00000000h
Page 259
54h-57h
32
R/W
HcRhPortStatus[1]
00000000h
Page 259
58h-5Bh
32
R/W
HcRhPortStatus[2]
00000000h
Page 260
5Ch-5Fh
32
R/W
HcRhPortStatus[3]
00000000h
Page 262
60h-9Fh
--
--
Reserved
xxxxxxxxh
Page 263
100h-103h
32
R/W
HceControl
00000000h
Page 263
104h-107h
32
R/W
HceInput
000000xxh
Page 263
108h-10Dh
32
R/W
HceOutput
000000xxh
Page 263
10Ch-10Fh
32
R/W
HceStatus
00000000h
Page 264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com