Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 182 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 182 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 178Page - National Semiconductor (TI) SC1100 Datasheet HTML 179Page - National Semiconductor (TI) SC1100 Datasheet HTML 180Page - National Semiconductor (TI) SC1100 Datasheet HTML 181Page - National Semiconductor (TI) SC1100 Datasheet HTML 182Page - National Semiconductor (TI) SC1100 Datasheet HTML 183Page - National Semiconductor (TI) SC1100 Datasheet HTML 184Page - National Semiconductor (TI) SC1100 Datasheet HTML 185Page - National Semiconductor (TI) SC1100 Datasheet HTML 186Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 348 page
background image
www.national.com
182
Revision 1.1
Core Logic Module (Continued)
Index 85h
Second Level PME/SMI Status Mirror Register 2 (RO)
Reset Value: 00h
The bits in this register contain second level status reporting. Top level status is reported in F1BAR0+I/O Offset 00h/02h[0].
This register is called a “Mirror” register since an identical register exists at F0 Index F5h. Reading this register does not clear the status,
while reading its counterpart at F0 Index F5h clears the status at both the second and top levels.
7
Reserved. Reads as 0.
6
User Defined Device Idle Timer 3 Timeout. Indicates whether or not an SMI was caused by expiration of User Defined
Device 3 Idle Timer Count Register (F0 Index A4h).
0: No
1: Yes
To enable SMI generation, set F0 Index 81h[6] to 1.
5
User Defined Device Idle Timer 2 Timeout. Indicates whether or not an SMI was caused by expiration of User Defined
Device 2 Idle Timer Count Register (F0 Index A2h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[5] to 1.
4
User Defined Device Idle Timer 1 Timeout. Indicates whether or not an SMI was caused by expiration of User Defined
Device 1 Idle Timer Count Register (F0 Index A0h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[4] to 1.
3
Keyboard/Mouse Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Keyboard/Mouse Idle
Timer Count Register (F0 Index 9Eh).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[3] to 1.
2
Parallel/Serial Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Parallel/Serial Port Idle
Timer Count Register (F0 Index 9Ch).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[2] to 1.
1
Floppy Disk Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Floppy Disk Idle Timer
Count Register (F0 Index 9Ah).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[1] to 1.
0
Primary Hard Disk Idle Timer Timeout. Indicates whether or not an SMI was caused by expiration of Primary Hard Disk
Idle Timer Count Register (F0 Index 98h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 81h[0] to 1.
Index 86h
Second Level PME/SMI Status Mirror Register 3 (RO)
Reset Value: 00h
The bits in this register contain second level status reporting. Top level status is reported in F1BAR0+I/O Offset 00h/02h[0].
This register is called a “Mirror” register since an identical register exists at F0 Index F6h. Reading this register does not clear the status,
while reading its counterpart at F0 Index F6h clears the status at both the second and top levels.
7
Reserved. Reads as 0.
6
Reserved. Reads as 0.
5
Secondary Hard Disk Access Trap SMI Status. Indicates whether or not an SMI was caused by a trapped I/O access to
the secondary hard disk.
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[6] to 1.
Table 5-29. F0: PCI Header and Bridge Configuration Registers for GPIO and LPC Support (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com