Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 197 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 197 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 193Page - National Semiconductor (TI) SC1100 Datasheet HTML 194Page - National Semiconductor (TI) SC1100 Datasheet HTML 195Page - National Semiconductor (TI) SC1100 Datasheet HTML 196Page - National Semiconductor (TI) SC1100 Datasheet HTML 197Page - National Semiconductor (TI) SC1100 Datasheet HTML 198Page - National Semiconductor (TI) SC1100 Datasheet HTML 199Page - National Semiconductor (TI) SC1100 Datasheet HTML 200Page - National Semiconductor (TI) SC1100 Datasheet HTML 201Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 348 page
background image
Revision 1.1
197
www.national.com
Core Logic Module (Continued)
Offset 10h-13h
GPDO1 — GPIO Data Out 1 Register (R/W)
Reset Value: FFFFFFFFh
31:0
GPIO Data Out. Bits [31:0] of this register correspond to GPIO63-GPIO32 signals, respectively. The value of each bit deter-
mines the value driven on the corresponding GPIO signal when its output buffer is enabled. Writing to the bit latches the
written data unless the bit is locked by the GPIO Configuration register Lock bit (F0BAR0+I/O Offset 24h[3]). Reading the
bit returns the value, regardless of the signal value and configuration.
0: Corresponding GPIO signal driven to low when output enabled.
1: Corresponding GPIO signal driven or released to high (according to buffer type and static pull-up selection) when output
enabled.
Offset 14h-17h
GPDI1 — GPIO Data In 1 Register (RO)
Reset Value: FFFFFFFFh
31:0
GPIO Data In. Bits [31:0] of this register correspond to GPIO63-GPIO32 signals, respectively. Reading each bit returns the
value of the corresponding GPIO signal, regardless of the signal configuration and the GPDO1 register (F0BAR0+I/O Offset
10h) value. Writes to this register are ignored.
0: Corresponding GPIO signal level low.
1: Corresponding GPIO signal level high.
Offset 18h-1Bh
GPIEN1 — GPIO Interrupt Enable 1 Register (R/W)
Reset Value: 00000000h
31:16
Reserved. Must be set to 0.
15:0
GPIO Power Management Event (PME) Enable. Bits [15:0] of this register correspond to GPIO47-GPIO32 signals,
respectively. Each bit allows PME generation by the corresponding GPIO signal.
0: Disable PME generation.
1: Enable PME generation.
Notes:
1) All of the enabled GPIO PMEs are always reported at F1BAR1+I/O Offset 10h[3].
2) Any enabled GPIO PME can be selected to generate an SCI or SMI at F1BAR1+I/O Offset 0Ch[0].
If SCI is selected, the individually selected GPIO PMEs are globally enabled for SCI generation at
F1BAR1+I/O Offset 12h[3] and the status is reported at F1BAR1+I/O Offset 10h[3].
If SMI is selected, the individually selected GPIO PMEs generate an SMI and the status is reported at
F1BAR0+I/O Offset 00h/02h[0].
Offset 1Ch-1Fh
GPST1 — GPIO Status 1 Register (R/W1C)
Reset Value: 00000000h
31:16
Reserved. Must be set to 0.
15:0
GPIO Status. Bits [15:0] correspond to GPIO47-GPIO32 signals, respectively. Each bit reports a 1 when hardware detects
the edge (rising/falling on the GPIO signal) that is programmed in F0BAR0+I/O Offset 24h[5]. If the corresponding bit in
F0BAR0+I/O Offset 18h is set, this edge generates a PME.
0: No active edge detected since the bit was last cleared.
1: Active edge detected.
Writing 1 to the a Status bit clears it to 0.
This is the third level of SMI status reporting to the second level at F0 Index 87h/F7h[7] and the top level at F1BAR0+I/O
Offset 00h/02h[0]. Clearing the third level also clears the second and top levels.
This is the second level of SCI status reporting to the top level at F1BAR1+Offset 10h[3]. The status must be cleared at
both the this level and the top level (i.e., the top level is not automatically cleared when a bit in this register is cleared).
Offset 20h-23h
GPIO Signal Configuration Select Register (R/W)
Reset Value: 00000000h
31:6
Reserved. Must be set to 0.
5
Bank Select. Selects the GPIO bank to be configured.
0: Bank 0 for GPIO0-GPIO31 signals.
1: Bank 1 for GPIO32-GPIO63 signals.
Table 5-30. F0BAR0+I/O Offset: GPIO Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com