Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 199 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 199 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 195Page - National Semiconductor (TI) SC1100 Datasheet HTML 196Page - National Semiconductor (TI) SC1100 Datasheet HTML 197Page - National Semiconductor (TI) SC1100 Datasheet HTML 198Page - National Semiconductor (TI) SC1100 Datasheet HTML 199Page - National Semiconductor (TI) SC1100 Datasheet HTML 200Page - National Semiconductor (TI) SC1100 Datasheet HTML 201Page - National Semiconductor (TI) SC1100 Datasheet HTML 202Page - National Semiconductor (TI) SC1100 Datasheet HTML 203Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 348 page
background image
Revision 1.1
199
www.national.com
Core Logic Module (Continued)
3
Lock. This bit locks the selected GPIO signal. Once this bit is set to 1 by software, it can only be cleared to 0 by power-on
reset or by WATCHDOG reset.
0: No effect. (Default)
1: Direction, output type, pull-up and output value locked.
2
Pull-Up Control. Enables/disables the internal pull-up capability of the selected GPIO signal. It supports open-drain output
signals with internal pull-ups and TTL input signals.
0: Disable.
1: Enable. (Default)
Bits [1:0] of this register must = 01 for this bit to have effect.
1
Output Type. Controls the output buffer type (open-drain or push-pull) of the selected GPIO signal.
0: Open-drain. (Default)
1: Push-pull.
Bit 0 of this register must be set to 1 for this bit to have effect.
0
Output Enable. Indicates the GPIO signal output state. It has no effect on input.
0: TRI-STATE. (Default)
1: Output enabled.
Offset 28h-2Bh
GPIO Reset Control Register (R/W)
Reset Value: 00000000h
31:1
Reserved. Must be set to 0.
0
GPIO Reset. Reset the GPIO logic.
0: Disable.
1: Enable.
Write 0 to clear.
This bit is level-sensitive and must be cleared after the reset is enabled (normal operation requires this bit to be 0).
Table 5-30. F0BAR0+I/O Offset: GPIO Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com