Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 202 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 202 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 198Page - National Semiconductor (TI) SC1100 Datasheet HTML 199Page - National Semiconductor (TI) SC1100 Datasheet HTML 200Page - National Semiconductor (TI) SC1100 Datasheet HTML 201Page - National Semiconductor (TI) SC1100 Datasheet HTML 202Page - National Semiconductor (TI) SC1100 Datasheet HTML 203Page - National Semiconductor (TI) SC1100 Datasheet HTML 204Page - National Semiconductor (TI) SC1100 Datasheet HTML 205Page - National Semiconductor (TI) SC1100 Datasheet HTML 206Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 348 page
background image
www.national.com
202
Revision 1.1
Core Logic Module (Continued)
12
IRQ12 Polarity. If LPC is selected as the interface source for IRQ12 (F0BAR1+I/O Offset 00h[12] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
11
IRQ11 Polarity. If LPC is selected as the interface source for IRQ11 (F0BAR1+I/O Offset 00h[11] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
10
IRQ10 Polarity. If LPC is selected as the interface source for IRQ10 (F0BAR1+I/O Offset 00h[10] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
9
IRQ9 Polarity. If LPC is selected as the interface source for IRQ9 (F0BAR1+I/O Offset 00h[9] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
8
IRQ8# Polarity. If LPC is selected as the interface source for IRQ8# (F0BAR1+I/O Offset 00h[8] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
7
IRQ7 Polarity. If LPC is selected as the interface source for IRQ7 (F0BAR1+I/O Offset 00h[7] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
6
IRQ6 Polarity. If LPC is selected as the interface source for IRQ6 (F0BAR1+I/O Offset 00h[6] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
5
IRQ5 Polarity. If LPC is selected as the interface source for IRQ5 (F0BAR1+I/O Offset 00h[5] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
4
IRQ4 Polarity. If SERIRQ is selected as the interface source for IRQ4 (F0BAR1+I/O Offset 00h[4] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
3
IRQ3 Polarity. If LPC is selected as the interface source for IRQ3 (F0BAR1+I/O Offset 00h[3] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
2
SMI# Polarity. This bit allows signal polarity selection of the SMI# generated from SERIRQ.
0: Active high.
1: Active low.
1
IRQ1 Polarity. If LPC is selected as the interface source for IRQ1 (F0BAR1+I/O Offset 00h[1] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
0
IRQ0 Polarity. If LPC is selected as the interface source for IRQ0 (F0BAR1+I/O Offset 00h[0] = 1), this bit allows signal
polarity selection.
0: Active high.
1: Active low.
Table 5-31. F0BAR1+I/O Offset xxh: LPC Interface Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com