Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 205 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 205 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 201Page - National Semiconductor (TI) SC1100 Datasheet HTML 202Page - National Semiconductor (TI) SC1100 Datasheet HTML 203Page - National Semiconductor (TI) SC1100 Datasheet HTML 204Page - National Semiconductor (TI) SC1100 Datasheet HTML 205Page - National Semiconductor (TI) SC1100 Datasheet HTML 206Page - National Semiconductor (TI) SC1100 Datasheet HTML 207Page - National Semiconductor (TI) SC1100 Datasheet HTML 208Page - National Semiconductor (TI) SC1100 Datasheet HTML 209Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 348 page
background image
Revision 1.1
205
www.national.com
Core Logic Module (Continued)
13:12
LPC Microsoft Sound System (MSS) Address Select. Selects I/O Port:
00: 530h-537h
10: E80h-E87h
01: 604h-60Bh
11: F40h-F47h
Selected address range is enabled via F0BAR1+I/O Offset 10h[5].
11:10
LPC MIDI Address Select. Selects I/O Port:
00: 300h-301h
10: 320h-321h
01: 310h-311h
11: 330h-331h
Selected address range is enabled via F0BAR1+I/O Offset 10h[4].
9:8
LPC Audio Address Select. Selects I/O Port:
00: 220h-233h
10: 260h-273h
01: 240h-253h
11: 280h-293h
Selected address range is enabled via F0BAR1+I/O Offset 10h[3].
7:5
LPC Serial Port 1 Address Select. Selects I/O Port:
000: 3F8h-3FFh
010: 220h-227h
100: 238h-23Fh
110: 338h-33Fh
001: 2F8h-2FFh
011: 228h-22Fh
101: 2E8h-2EFh
111: 3E8h-3EFh
Selected address range is enabled via F0BAR1+I/O Offset 10h[2].
4:2
LPC Serial Port 0 Address Select. Selects I/O Port:
000: 3F8h-3FFh
010: 220h-227h
100: 238h-23Fh
110: 338h-33Fh
001: 2F8h-2FFh
011: 228h-22Fh
101: 2E8h-2EFh
111: 3E8h-3EFh
Selected address range is enabled via F0BAR1+I/O Offset 10h[1].
1:0
LPC Parallel Port Address Select. Selects I/O Port:
00: 378h-37Fh (+778h-77Fh for ECP)
01: 278h-27Fh (+678h-67Fh for ECP) (Note)
10: 3BCh-3BFh (+7BCh-7BFh for ECP)
11: Reserved
Selected address range is enabled via F0BAR1+I/O Offset 10h[0].
Note:
279h is read only, writes are forwarded to ISA for PnP.
Offset 18h-1Bh
LAD_D1 — LPC Address Decode 1 Register (R/W)
Reset Value: 00000000h
31:16
Reserved. Must be set to 0.
15:9
Wide Generic Base Address Select. Defines a 512 byte space. Can be mapped anywhere in the 64 KB I/O space. AC97
and other configuration registers are expected to be mapped to this range. It is wide enough to allow many unforeseen
devices to be supported. Enabled at F0BAR1+I/O Offset 10h[9].
Note:
The selected range must not overlap any address range that is positively decoded by F0BAR1+I/O Offset 10h bits
[17], [14:10], and [8:0].
8:0
Reserved. Must be set to 0.
Offset 1Ch-1Fh
LPC_ERR_SMI — LPC Error SMI Register (R/W)
Reset Value: 00000080h
31:10
Reserved. Must be set to 0.
9
SMI Serial IRQ Enable. Allows serial IRQ to generate an SMI.
0: Disable.
1: Enable.
Top Level SMI status is reported at F1BAR0+I/O Offset 02h[3].
Second level status is reported at bit 6 of this register.
8
SMI Configuration for LPC Error Enable. Allows LPC errors to generate an SMI.
0: Disable.
1: Enable.
Top Level SMI status is reported at F1BAR0+I/O Offset 02h[3].
Second level status is reported at bit 5 of this register.
7
Reserved. (Read Only).
Table 5-31. F0BAR1+I/O Offset xxh: LPC Interface Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com