Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 227 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 227 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 223Page - National Semiconductor (TI) SC1100 Datasheet HTML 224Page - National Semiconductor (TI) SC1100 Datasheet HTML 225Page - National Semiconductor (TI) SC1100 Datasheet HTML 226Page - National Semiconductor (TI) SC1100 Datasheet HTML 227Page - National Semiconductor (TI) SC1100 Datasheet HTML 228Page - National Semiconductor (TI) SC1100 Datasheet HTML 229Page - National Semiconductor (TI) SC1100 Datasheet HTML 230Page - National Semiconductor (TI) SC1100 Datasheet HTML 231Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 348 page
background image
Revision 1.1
227
www.national.com
Core Logic Module (Continued)
Index 44h-47h
Channel 0 Drive 0 DMA Control Register (R/W)
Reset Value: 00077771h
The structure of this register depends on the value of bit 20.
If bit 20 = 0, Multiword DMA
Settings for a Fast-PCI clock frequency of 33.3 MHz:
— Multiword DMA Mode 0 = 00077771h
— Multiword DMA Mode 1 = 00012121h
— Multiword DMA Mode 2 = 00002020h
Settings for a Fast-PCI clock frequency of 66.7 MHz:
— Multiword DMA Mode 0 = 000FFFF3h
— Multiword DMA Mode 1 = 00035352h
— Multiword DMA Mode 2 = 00015151h
Note:
All references to “cycle” in the following bit descriptions are to a Fast-PCI clock cycle.
31
PIO Mode Format. This bit sets the PIO mode format for all channels and drives. Bit 31 of Offsets 2Ch, 34h, and 3Ch are
R/W, but have no function so are defined as reserved.
0: Format 0.
1
Format 1.
30:21
Reserved. Must be set to 0.
20
DMA Select. Selects type of DMA operation. 0: Multiword DMA
19:16
tKR. IDE_IOR# recovery time (4-bit) (value + 1 cycle).
15:12
tDR. IDE_IOR# pulse width (value + 1 cycle).
11:8
tKW. IDE_IOW# recovery time (4-bit) (value + 1 cycle).
7:4
tDW. IDE_IOW# pulse width (value + 1 cycle).
3:0
tM. IDE_CS[1:0]# to IDE_IOR#/IOW# setup; IDE_CS[1:0]# setup to IDE_DACK0#/DACK1#.
If bit 20 = 1, UltraDMA
Settings for a Fast-PCI clock frequency of 33.3 MHz:
— UltraDMA Mode 0 = 00921250h
— UltraDMA Mode 1 = 00911140h
— UltraDMA Mode 2 = 00911030h
Settings for a Fast-PCI clock frequency of 66.7 MHz:
— UltraDMA Mode 0 = 009436A1h
— UltraDMA Mode 1 = 00933481h
— UltraDMA Mode 2 = 00923261h
Note:
All references to “cycle” in the following bit descriptions are to a Fast-PCI clock cycle.
31
PIO Mode Format. This bit sets the PIO mode format for all channels and drives. Bit 31 of Offsets 2Ch, 34h, and 3Ch are
R/W, but have no function so are defined as reserved.
0: Format 0
1: Format 1
30:24
Reserved. Must be set to 0.
23:21
BSIZE. Input buffer threshold.
20
DMA Select. Selects type of DMA operation. 1: UltraDMA.
19:16
tCRC. CRC setup UDMA in IDE_DACK# (value + 1 cycle) (for host terminate CRC setup = tMLI + tSS).
15:12
tSS. UDMA out (value + 1 cycle).
11:8
tCYC. Data setup and cycle time UDMA out (value + 2 cycles).
7:4
tRP. Ready to pause time (value + 1 cycle). Note: tRFS + 1 tRP on next clock.
3:0
tACK. IDE_CS[1:0]# setup to IDE_DACK0#/DACK1# (value + 1 cycle).
Index 48h-4Bh
Channel 0 Drive 1 PIO Register (R/W)
Reset Value: 00009172h
Channel 0 Drive 1 Programmed I/O Control Register. See F2 Index 40h for bit descriptions.
Index 4Ch-4Fh
Channel 0 Drive 1 DMA Control Register (R/W)
Reset Value: 00077771h
Channel 0 Drive 1 MDMA/UDMA Control Register. See F2 Index 44h for bit descriptions.
Note:
The PIO Mode format is selected in F2 Index 44h[31], bit 31 of this register is defined as reserved.
Index 50h-53h
Channel 1 Drive 0 PIO Register (R/W)
Reset Value: 00009172h
Channel 1 Drive 0 Programmed I/O Control Register. See F2 Index 40h for bit descriptions.
Table 5-35. F2: PCI Header/Channels 0 and 1 Registers for IDE Controller Configuration (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com