Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 223 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 223 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 219Page - National Semiconductor (TI) SC1100 Datasheet HTML 220Page - National Semiconductor (TI) SC1100 Datasheet HTML 221Page - National Semiconductor (TI) SC1100 Datasheet HTML 222Page - National Semiconductor (TI) SC1100 Datasheet HTML 223Page - National Semiconductor (TI) SC1100 Datasheet HTML 224Page - National Semiconductor (TI) SC1100 Datasheet HTML 225Page - National Semiconductor (TI) SC1100 Datasheet HTML 226Page - National Semiconductor (TI) SC1100 Datasheet HTML 227Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 223 / 348 page
background image
Revision 1.1
223
www.national.com
Core Logic Module (Continued)
1
GPWIO1_DIR. Selects the direction of GPWIO1 (ball AE16).
0: Input.
1: Output.
0
GPWIO0_DIR. Selects the direction of the GPWIO0 (ball AC15).
0: Input.
1: Output.
Offset 16h
GPWIO Data Register (R/W)
Reset Value: 00h
This register contains the direct values of the GPWIO2-GPWIO0 pins. Write operations are valid only for bits defined as outputs. Reads
from this register read the last written value if the pin is an output. The pins are configured as inputs or outputs in F1BAR1+I/O Offset
15h.
7:3
Reserved. Must be set to 0.
2
GPWIO2_DATA. Reflects the level of GPWIO2 (ball AF17).
0: Low.
1: High.
A fixed high-to-low or low-to-high transition (debounce period) of 31 µs exists in order for GPWIO2 to be recognized.
1
GPWIO1_DATA. Reflects the level of GPWIO1 (ball AE16).
0: Low.
1: High.
See F1BAR1+I/O Offset 07h[3] for debounce information.
0
GPWIO0_DATA. Reflects the level of GPWIO0 (ball AC15).
0: Low.
1: High.
See F1BAR1+I/O Offset 07h[3] for debounce information.
Offset 17h
Reserved
Reset Value: 00h
Offset 18h-1Bh
ACPI SCI_ROUTING Register (R/W)
Reset Value: 00000F00h
31:17
Reserved.
16
PCTL_DELAYEN. Allow staggered delays on the activation and deactivation of the power control pins PWRCNT1,
PWRCNT2, and ONCTL# by 2 msec each.
0: Disable. (Default)
1: Enable.
15:12
Reserved.
11
PLVL3_SMIEN. Allow SMI generation when the PLVL3 Register (F1BAR1+I/O Offset 05h) is read.
0: Disable.
1: Enable. (Default)
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[4].
10
Reserved.
9
SLP_SMIEN. Allow SMI generation when the SLP_EN bit (F1BAR1+I/O Offset 0Ch[13]) is set.
0: Disable.
1: Enable. (Default)
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[2].
8
THT_SMIEN. Allow SMI generation when the THT_EN bit (F1BAR1+I/O Offset 00h[4]) is set.
0: Disable.
1: Enable. (Default)
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[1].
7:4
Reserved.
Table 5-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com