Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 219 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 219 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 215Page - National Semiconductor (TI) SC1100 Datasheet HTML 216Page - National Semiconductor (TI) SC1100 Datasheet HTML 217Page - National Semiconductor (TI) SC1100 Datasheet HTML 218Page - National Semiconductor (TI) SC1100 Datasheet HTML 219Page - National Semiconductor (TI) SC1100 Datasheet HTML 220Page - National Semiconductor (TI) SC1100 Datasheet HTML 221Page - National Semiconductor (TI) SC1100 Datasheet HTML 222Page - National Semiconductor (TI) SC1100 Datasheet HTML 223Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 348 page
background image
Revision 1.1
219
www.national.com
Core Logic Module (Continued)
2
GBL_RLS (Global Release). (Write Only) This write only bit is used by ACPI software to raise an event to the BIOS soft-
ware (i.e., it generates an SMI to pass execution control to the BIOS).
0: Disable.
1: Enable.
This is a write only bit and reads of this bit always return a 0.
To generate an SMI, ACPI software writes the GBL_RLS bit which in turn sets the BIOS_STS bit (F1BAR1+I/O Offset
0Eh[0]) and raises a PME. For the PME to generate an SMI, set BIOS_EN (F1BAR1+I/O Offset 0Fh[0] to 1).
The top level SMI status is reported at F1BAR0+I/O offset 00h/02h.
Second level status is at F1BAR0+I/O Offset 22h[5].
1
BM_RLD (Bus Master RLD). If the processor is in the C3 state and a bus master request is generated, force the processor
to transition to the C0 state.
0: Disable.
1: Enable.
0
SCI_EN (System Control Interrupt Enable). Globally selects power management events (PMEs) reported in PM1A_STS
and GPE0_STS (F1BAR1+I/O Offset 08h and 10h) to be either an SCI or SMI type of interrupt.
0: APM Mode, generates an SMI and status is reported at F1BAR0+I/O Offset 00h/02h[0].
1: ACPI Mode, generates an SCI if the corresponding PME enable bit is set and status is reported at F1BAR1+I/O Offset
08h and 10h.
Note:
This bit enables the ACPI state machine.
Offset 0Eh
ACPI_BIOS_STS Register (R/W)
Reset Value: 00h
7:1
Reserved. Must be set to 0.
0
BIOS_STS (BIOS Status Release). When 1 is written to the GLB_RLS bit (F1BAR1+I/O Offset 0Ch[2]), this bit is also set
to 1.
Write 1 to clear.
Offset 0Fh
ACPI_BIOS_EN Register (R/W)
Reset Value: 00h
7:2
Reserved. Must be set to 0.
1
BIOS_RLS (BIOS Release). (Write Only) When this bit is asserted, allow the BIOS to release control of the global lock.
0: Disable.
1: Enable.
This is a write only bit and reads of this bit always return a 0.
To generate an SCI, the BIOS writes the BIOS_RLS bit which in turn sets the GBL_STS bit (F1BAR1+I/O Offset 08h[5]) and
raises a PME. For the PME to generate an SCI, set GBL_EN (F1BAR1+I/O Offset 0Ah[5] to 1).
0
BIOS_EN (BIOS Enable). When this bit is asserted, allow SMI generation by ACPI software via writes to GBL_RLS
(F1BAR1+I/O Offset 0Ch[2]).
0: Disable.
1: Enable.
Offset 10h-11h
GPE0_STS — General Purpose Event 0 PME/SCI Status Register (R/W)
Reset Value: xxxxh
Notes:
1) This is the top level of PME/SCI status reporting. There is no second level except for bit 3 (GPIOs) where the next level of
status is reported at F0BAR0+I/O Offset 0Ch/1Ch.
2) If SCI generation is not desired, the status bits are still set by the described conditions and can be used for monitoring pur-
poses.
15:12
Reserved. Must be set to 0.
11
Reserved.
Table 5-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com