Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 216 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 216 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 212Page - National Semiconductor (TI) SC1100 Datasheet HTML 213Page - National Semiconductor (TI) SC1100 Datasheet HTML 214Page - National Semiconductor (TI) SC1100 Datasheet HTML 215Page - National Semiconductor (TI) SC1100 Datasheet HTML 216Page - National Semiconductor (TI) SC1100 Datasheet HTML 217Page - National Semiconductor (TI) SC1100 Datasheet HTML 218Page - National Semiconductor (TI) SC1100 Datasheet HTML 219Page - National Semiconductor (TI) SC1100 Datasheet HTML 220Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 348 page
background image
www.national.com
216
Revision 1.1
Core Logic Module (Continued)
5.4.2.2
ACPI Support Registers
F1 Index 40h, Base Address Register 1 (F1BAR1), points
to the base address of where the ACPI Support registers
are located. Table 5-34 shows the I/O mapped ACPI Sup-
port registers accessed through F1BAR1.
Table 5-34. F1BAR1+I/O Offset: ACPI Support Registers
Bit
Description
Offset 00h-03h
P_CNT — Processor Control Register (R/W)
Reset Value: 00000000h
31:5
Reserved. Always reads 0.
4
THT_EN (Throttle Enable). When this bit is asserted, it enables throttling of the clock based on the CLK_VAL field (bits
[2:0] of this register).
0:
Disable.
1:
Enable.
If F1BAR1+I/O Offset 18h[8] =1, an SMI is generated when this bit is set.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[1].
3
Reserved. Always reads 0.
2:0
CLK_VAL (Clock Throttling Value). CPU duty cycle:
000: Reserved
010: 25%
100: 50%
110: 75%
001: 12.5%
011: 37.5%
101: 62.5%
111: 87.5%
Offset 04h
Reserved
Reset Value: 00h
Note:
This register should not be read. It controls a reserved function of power management logic.
Offset 05h
P_LVL3 — Enter C3 Power State Register (RO)
Reset Value: xxh
7:0
P_LVL3 (Power Level 3). Reading this 8-bit read only register causes the processor to enter the C3 power state. Reads of
P_LVL3 return 0. Writes have no effect.
The ACPI state machine always waits for an SMI (any SMI) to be generated and serviced before transfer into C3 power
state.
A read of this register causes an SMI if enabled: F1BAR1+I/O Offset 18h[11] = 1. (Default)
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[4].
Offset 06h
SMI_CMD — OS/BIOS Requests Register (R/W)
Reset Value: 00h
7:0
SMI_CMD (SMI Command and OS / BIOS Requests). A write to this register stores data and a read returns the last data
written. In addition, a write to this register always generates an SMI. A read of this register does not generate an SMI.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[0].
Offset 07h
ACPI_FUN_CNT — ACPI Function Control Register (R/W)
Reset Value: 00h
7:5
Reserved. Must be set to 0.
4
INTR_WU_SL1. Enables wakeup on enabled interrupts in sleep state SL1.
0: Disable wakeup from SL1, when an enabled interrupt is active.
1: Enable wakeup from SL1, when an enabled interrupt is active.
3
GPWIO_DBNC_DIS (GPWIO0 and GPWIO1 Debouncers). Debounce settings for GPWIO0 (ball AC15) and GPWIO1 (ball
AE16). Selects the time that a high-to-low or low-to-high transition (debounce period) must be for GPWIO0 to be recog-
nized.
0: Debounce period is 15.8 msec. (Default)
1: Debounce period is 31 µs.
GPWIO2 is fixed at 31 µs.
2:1
Reserved. Must be set to 0.
0
PWRBTN_DBNC_DIS (Power Button Debouncer). Allow a high-to-low or low-to-high transition of greater than 15.8 msec
(debounce period) on PWRBTN# (ball AF15) before it is recognized.
0: Enable. (Default)
1: Disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com