Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 213 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 213 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 209Page - National Semiconductor (TI) SC1100 Datasheet HTML 210Page - National Semiconductor (TI) SC1100 Datasheet HTML 211Page - National Semiconductor (TI) SC1100 Datasheet HTML 212Page - National Semiconductor (TI) SC1100 Datasheet HTML 213Page - National Semiconductor (TI) SC1100 Datasheet HTML 214Page - National Semiconductor (TI) SC1100 Datasheet HTML 215Page - National Semiconductor (TI) SC1100 Datasheet HTML 216Page - National Semiconductor (TI) SC1100 Datasheet HTML 217Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 348 page
background image
Revision 1.1
213
www.national.com
Core Logic Module (Continued)
0
SMI_CMD SMI Status. Indicates whether or not an SMI was caused by a write to the ACPI SMI_CMD register
(F1BAR1+I/O Offset 06h).
0: No.
1: Yes.
A write to the ACPI SMI_CMD register always generates an SMI.
Offset 22h-23h
Second Level ACPI PME/SMI Status Register (RC)
Reset Value: 0000h
The bits in this register contain second level of SMI status reporting. Top level is reported in F1BAR0+I/O Offset 00h/02h[2].
Reading this register clears the status at both the second and top levels.
A read-only “Mirror” version of this register exists at F1BAR0+I/O Offset 20h. If the value of the register must be read without clearing the
SMI source (and consequently deasserting SMI), F1BAR0+I/O Offset 20h can be read instead.
15:6
Reserved. Always reads 0.
5
ACPI BIOS SMI Status. Indicates whether or not an SMI was caused by ACPI software raising an event to BIOS software.
0: No.
1: Yes.
To enable SMI generation, set F1BAR1+I/O Offset 0Ch[2] to 1, and F1BAR1+I/O Offset 0Fh[0] to 1.
4
PLVL3 SMI Status. Indicates whether or not an SMI was caused by a read of the ACPI PLVL3 register (F1BAR1+I/O Offset
05h).
0: No.
1: Yes.
To enable SMI generation, set F1BAR1+I/O Offset 18h[11] to 1 (default).
3
Reserved.
2
SLP_EN SMI Status. Indicates whether or not an SMI was caused by a write of 1 to the ACPI SLP_EN bit (F1BAR1+I/O
Offset 0Ch[13]).
0: No.
1: Yes.
To enable SMI generation, set F1BAR1+I/O Offset 18h[9] to 1 (default).
1
THT_EN SMI Status. Indicates whether or not an SMI was caused by a write of 1 to the ACPI THT_EN bit (F1BAR1+I/O
Offset 00h[4]).
0: No.
1: Yes.
To enable SMI generation, set F1BAR1+I/O Offset 18h[8] to 1 (default).
0
SMI_CMD SMI Status. Indicates whether or not an SMI was caused by a write to the ACPI SMI_CMD register
(F1BAR1+I/O Offset 06h).
0: No.
1: Yes.
A write to the ACPI SMI_CMD register always generates an SMI.
Offset 24h-27h
External SMI Register (R/W)
Reset Value: 00000000h
Note:
EXT_SMI[7:0] are external SMIs, meaning external to the Core Logic module.
Bits [23:8] of this register contain second level of SMI status reporting. Top level status is reported in F1BAR0+I/O Offset
00h/02h[10]. Reading bits [23:16] clears the second and top levels. If the value of the status bits must be read without clearing
the SMI source (and consequently deasserting SMI), bits [15:8] can be read instead.
31:24
Reserved. Must be set to 0.
23
EXT_SMI7 SMI Status. (Read to Clear) Indicates whether or not an SMI was caused by assertion of EXT_SMI7.
0: No.
1: Yes.
To enable SMI generation, set bit 7 to 1.
22
EXT_SMI6 SMI Status. (Read to Clear) Indicates whether or not an SMI was caused by an assertion of EXT_SMI6.
0: No.
1: Yes.
To enable SMI generation, set bit 6 to 1.
Table 5-33. F1BAR0+I/O Offset: SMI Status Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com