Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 210 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 210 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 206Page - National Semiconductor (TI) SC1100 Datasheet HTML 207Page - National Semiconductor (TI) SC1100 Datasheet HTML 208Page - National Semiconductor (TI) SC1100 Datasheet HTML 209Page - National Semiconductor (TI) SC1100 Datasheet HTML 210Page - National Semiconductor (TI) SC1100 Datasheet HTML 211Page - National Semiconductor (TI) SC1100 Datasheet HTML 212Page - National Semiconductor (TI) SC1100 Datasheet HTML 213Page - National Semiconductor (TI) SC1100 Datasheet HTML 214Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 348 page
background image
www.national.com
210
Revision 1.1
Core Logic Module (Continued)
8
SMI Source is Software Generated. (Read to Clear) Indicates whether or not an SMI was caused by software.
0: No.
1: Yes.
7
SMI on an A20M# Toggle. (Read to Clear) Indicates whether or not an SMI was caused by an access to either Port 92h or
the keyboard command which initiates an A20M# SMI.
0: No.
1: Yes.
This method of controlling the internal A20M# in the GX1 module is used instead of a pin.
To enable SMI generation, set F0 Index 53h[0] to 1.
6:4
Reserved. Reads as 0.
3
SMI Source is LPC. (Read Only, Read Does Not Clear) Indicates whether or not an SMI was caused by the LPC interface.
0: No.
1: Yes.
The next level (second level) of SMI status is at F0BAR1+I/O Offset 1Ch[6:5].
2
SMI Source is ACPI. (Read Only, Read Does Not Clear) Indicates whether or not an SMI was caused by an access (read
or write) to one of the ACPI registers (F1BAR1).
0: No.
1: Yes.
The next level (second level) of SMI status is at F1BAR0+I/O Offset 20h.
1
SMI Source is XpressAUDIO Subsystem. (Read Only, Read Does Not Clear) Indicates whether or not an SMI was
caused by the audio subsystem.
0: No.
1: Yes.
The second level of status is found in F3BAR0+Memory Offset 10h/12h.
0
SMI Source is Power Management Event. (Read Only, Read Does Not Clear) Indicates whether or not an SMI was
caused by one of the power management resources (except for GP timers, UDEFx and PCI/ISA function traps which are
reported in bit 9).
0: No.
1: Yes.
The next level (second level) of SMI status is at F0 Index 84h/F4h-87h/F7h.
Offset 04h-05h
Second Level General Traps & Timers
Reset Value: 0000h
PME/SMI Status Mirror Register (RO)
The bits in this register contain second level status reporting. Top level status is reported at F1BAR0+I/O Offset 00h/02h[9].
Reading this register does not clear the SMI. For more information, see F1BAR0+I/O Offset 06h.
15:6
Reserved.
5
PCI/ISA Function Trap. Indicates whether or not an SMI was caused by a trapped PCI/ISA configuration cycle.
0: No.
1: Yes.
To enable SMI generation for:
— Trapped access to ISA Legacy I/O register space set F0 Index 41h[0] = 1.
— Trapped access to F1 register space set F0 Index 41h[1] = 1.
— Trapped access to F2 register space set F0 Index 41h[2] = 1.
— Trapped access to F3 register space set F0 Index 41h[3] = 1.
— Trapped access to F5 register space set F0 Index 41h[5] = 1.
4
SMI Source is Trapped Access to User Defined Device 3. Indicates whether or not an SMI was caused by a trapped I/O
or memory access to the User Defined Device 3 (F0 Index C8h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 82h[6] = 1.
Table 5-33. F1BAR0+I/O Offset: SMI Status Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com