Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 212 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 212 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 208Page - National Semiconductor (TI) SC1100 Datasheet HTML 209Page - National Semiconductor (TI) SC1100 Datasheet HTML 210Page - National Semiconductor (TI) SC1100 Datasheet HTML 211Page - National Semiconductor (TI) SC1100 Datasheet HTML 212Page - National Semiconductor (TI) SC1100 Datasheet HTML 213Page - National Semiconductor (TI) SC1100 Datasheet HTML 214Page - National Semiconductor (TI) SC1100 Datasheet HTML 215Page - National Semiconductor (TI) SC1100 Datasheet HTML 216Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 348 page
background image
www.national.com
212
Revision 1.1
Core Logic Module (Continued)
1
SMI Source is Expired General Purpose Timer 2. Indicates whether or not an SMI was caused by the expiration of Gen-
eral Purpose Timer 2 (F0 Index 8Ah).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[1] = 1.
0
SMI Source is Expired General Purpose Timer 1. Indicates whether or not an SMI was caused by the expiration of Gen-
eral Purpose Timer 1 (F0 Index 88h).
0: No.
1: Yes.
To enable SMI generation, set F0 Index 83h[0] = 1.
Offset 08h-09h
SMI Speedup Disable Register (Read to Enable)
Reset Value: 0000h
15:0
SMI Speedup Disable. If bit 1 in the Suspend Configuration Register is set (F0 Index 96h[1] = 1), a read of this register
invokes the SMI handler to re-enable Suspend Modulation.
The data read from this register can be ignored. If the Suspend Modulation feature is disabled, reading this I/O location has
no effect.
Offset 0Ah-1Bh
Reserved
Reset Value: 00h
These addresses should not be written.
Offset 1Ch-1Fh
ACPI Timer Register (RO)
Reset Value: xxxxxxxxh
Note:
This register can also be read at F1BAR1+I/O Offset 1Ch.
31:24
Reserved.
23:0
TMR_VAL. This field returns the running count of the power management timer.
Offset 20h-21h
Second Level ACPI PME/SMI
Reset Value: 0000h
Status Mirror Register (RO)
The bits in this register contain second level SMI status reporting. Top level status is reported in F1BAR0+I/O Offset 00h/02h[2].
Reading this register does not clear the SMI. For more information, see F1BAR0+I/O Offset 22h.
15:6
Reserved. Always reads 0.
5
ACPI BIOS SMI Status. Indicates whether or not an SMI was caused by ACPI software raising an event to BIOS software.
0: No.
1: Yes.
To enable SMI generation, set F1BAR1+I/O Offset 0Ch[2] to 1, and F1BAR1+I/O Offset 0Fh[0] to 1.
4
PLVL3 SMI Status. Indicates whether or not an SMI was caused by a read of the ACPI PLVL3 register (F1BAR1+I/O Offset
05h).
0: No.
1: Yes.
To enable SMI generation, set F1BAR1+I/O Offset 18h[11] to 1 (default).
3
Reserved.
2
SLP_EN SMI Status. Indicates whether or not an SMI was caused by a write of 1 to the ACPI SLP_EN bit (F1BAR1+I/O
Offset 0Ch[13]).
0: No.
1: Yes.
To enable SMI generation, set F1BAR1+I/O Offset 18h[9] to 1 (default).
1
THT_EN SMI Status. Indicates whether or not an SMI was caused by a write of 1 to the ACPI THT_EN bit (F1BAR1+I/O
Offset 00h[4]).
0: No.
1: Yes.
To enable SMI generation, set F1BAR1+I/O Offset 18h[8] to 1 (default).
Table 5-33. F1BAR0+I/O Offset: SMI Status Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com