Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 217 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 217 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 213Page - National Semiconductor (TI) SC1100 Datasheet HTML 214Page - National Semiconductor (TI) SC1100 Datasheet HTML 215Page - National Semiconductor (TI) SC1100 Datasheet HTML 216Page - National Semiconductor (TI) SC1100 Datasheet HTML 217Page - National Semiconductor (TI) SC1100 Datasheet HTML 218Page - National Semiconductor (TI) SC1100 Datasheet HTML 219Page - National Semiconductor (TI) SC1100 Datasheet HTML 220Page - National Semiconductor (TI) SC1100 Datasheet HTML 221Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 348 page
background image
Revision 1.1
217
www.national.com
Core Logic Module (Continued)
Offset 08h-09h
PM1A_STS — PM1A Top Level PME/SCI Status Register (R/W)
Reset Value: 0000h
Notes:
1.
This is the top level of PME/SCI status reporting for these events. There is no second level.
2.
If SCI generation is not desired, the status bits are still set by the described conditions and can be used for monitoring pur-
poses.
15
WAK_STS (Wakeup Status). Indicates whether or not an SCI was caused by the occurrence of an enabled wakeup event.
0: No.
1: Yes.
This bit is set when the system is in any Sleep state and an enabled wakeup event occurs (wakeup events are configured at
F1BAR1+I/O Offset 0Ah and 12h). After this bit is set, the system transitions to a Working state.
SCI generation is always enabled.
Write 1 to clear.
14:12
Reserved. Must be set to 0.
11
PWRBTNOR_STS (Power Button Override Status). Indicates whether or not an SCI was caused by the power button
being active for greater than 4 seconds.
0: No.
1: Yes.
SCI generation is always enabled.
Write 1 to clear.
10
RTC_STS (Real-Time Clock Status). Indicates if a Power Management Event (PME) was caused by the RTC generating
an alarm (RTC IRQ signal is asserted).
0: No.
1: Yes.
For the PME to generate an SCI, set F1BAR1+I/O Offset 0Ah[10] to 1 and F1BAR1+I/O Offset 0Ch[0] to 1. (See Note 2 in
the general description of this register.)
Write 1 to clear.
9
Reserved. Must be set to 0.
8
PWRBTN_STS (Power Button Status). Indicates if PME was caused by the PWRBTN# (ball AF15) going low while the
system is in a Working state.
0: No.
1: Yes.
For the PME to generate an SCI, set F1BAR1+I/O Offset 0Ah[8] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1. (See Note 2 in the
general description of this register.)
In a Sleep state or the Soft-Off state, a wakeup event is generated when the power button is pressed (regardless of the
PWRBTN_EN bit, F1BAR1+I/O Offset 0Ah[8], setting).
Write 1 to clear.
7:6
Reserved. Must be set to 0.
5
GBL_STS (Global Lock Status). Indicates if PME was caused by the BIOS releasing control of the global lock.
0: No.
1: Yes.
This bit is used by the BIOS to generate an SCI. BIOS writes the BIOS_RLS bit (F1BAR1+I/O Offset 0Fh[1]) which in turns
sets the GBL_STS bit and raises a PME.
For the PME to generate an SCI, set F1BAR1+I/O Offset 0Ah[5] to 1 and F1BAR1+I/O Offset 0Ch[0] to 1. (See Note 2 in the
general description of this register.)
Write 1 to clear.
4
BM_STS (Bus Master Status). Indicates if PME was caused by a system bus master requesting the system bus.
0: No.
1: Yes.
For the PME to generate an SCI, set F1BAR1+I/O Offset 0Ch[1] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1. (See Note 2 in the
general description of this register.)
Write 1 to clear.
3:1
Reserved. Must be set to 0.
Table 5-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com