Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 218 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 218 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 214Page - National Semiconductor (TI) SC1100 Datasheet HTML 215Page - National Semiconductor (TI) SC1100 Datasheet HTML 216Page - National Semiconductor (TI) SC1100 Datasheet HTML 217Page - National Semiconductor (TI) SC1100 Datasheet HTML 218Page - National Semiconductor (TI) SC1100 Datasheet HTML 219Page - National Semiconductor (TI) SC1100 Datasheet HTML 220Page - National Semiconductor (TI) SC1100 Datasheet HTML 221Page - National Semiconductor (TI) SC1100 Datasheet HTML 222Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 348 page
background image
www.national.com
218
Revision 1.1
Core Logic Module (Continued)
0
TMR_STS (Timer Carry Status). Indicates if SCI was caused by an MSB toggle (MSB changes from low-to-high or high-to-
low) on the ACPI Timer (F1BAR0+I/O Offset 1Ch or F1BAR1+I/O Offset 1Ch).
0: No.
1: Yes.
For the PME to generate an SCI, set F1BAR1+I/O Offset 0Ah[0] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1. (See Note 2 in the
general description of this register.)
Write 1 to clear.
Offset 0Ah-0Bh
PM1A_EN — PM1A PME/SCI Enable Register (R/W)
Reset Value: 0000h
In order for the ACPI events described below to generate an SCI, the SCI_EN bit must also be set (F1BAR1+I/O Offset 0Ch[0] = 1).
The SCIs enabled via this register are globally enabled by setting F1BAR1+I/O Offset 08h. There is no second level of SCI status report-
ing for these bits.
15:11
Reserved. Must be set to 0.
10
RTC_EN (Real-Time Clock Enable). Allow SCI generation when the RTC generates an alarm (RTC IRQ signal is
asserted).
0: Disable.
1: Enable
9
Reserved. Must be set to 0.
8
PWRBTN_EN (Power Button Enable). Allow SCI generation when the PWRBTN# (ball AF15) goes low while the system is
in a Working state.
0: Disable.
1: Enable
7:6
Reserved. Must be set to 0.
5
GBL_EN (Global Lock Enable). Allow SCI generation when the BIOS releases control of the global lock via the BIOS_RLS
(F1BAR1+I/O Offset 0Fh[1] and GBL_STS (F1BAR1+I/O Offset 08h[5]) bits.
0: Disable.
1: Enable
4:1
Reserved. Must be set to 0.
0
TMR_EN (ACPI Timer Enable). Allow SCI generation for MSB toggles (MSB changes from low-to-high or high-to-low) on
the ACPI Timer (F1BAR0+I/O Offset 1Ch or F1BAR1+I/O Offset 1Ch).
0:
Disable.
1:
Enable
Offset 0Ch-0Dh
PM1A_CNT — PM1A Control Register (R/W)
Reset Value: 0000h
15:14
Reserved. Must be set to 0.
13
SLP_EN (Sleep Enable). (Write Only) Allow the system to sequence into the sleeping state associated with the SLP_TYPx
(bits [12:10]).
0: Disable.
1: Enable.
This is a write only bit and reads of this bit always return a 0.
The ACPI state machine always waits for an SMI (any SMI) to be generated and serviced before transitioning into a Sleep
state.
If F1BAR1+I/O Offset 18h[9] = 1, an SMI is generated when SLP_EN is set.
Top level SMI status is reported at F1BAR0+I/O Offset 00h/02h[2].
Second level SMI status is reported at F1BAR0+I/O Offset 20h/22h[2].
12:10
SLP_TYPx (Sleep Type). Defines the type of Sleep state the system enters when SLP_EN (bit 13) is set.
000: Sleep State S0 (Full on)
100: Sleep State SL4
001: Sleep State SL1
101: Sleep State SL5 (Soft off)
010: Sleep State SL2
110: Reserved
011: Sleep State SL3
111: Reserved
9:3
Reserved. Set to 0.
Table 5-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com