Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 220 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 220 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 216Page - National Semiconductor (TI) SC1100 Datasheet HTML 217Page - National Semiconductor (TI) SC1100 Datasheet HTML 218Page - National Semiconductor (TI) SC1100 Datasheet HTML 219Page - National Semiconductor (TI) SC1100 Datasheet HTML 220Page - National Semiconductor (TI) SC1100 Datasheet HTML 221Page - National Semiconductor (TI) SC1100 Datasheet HTML 222Page - National Semiconductor (TI) SC1100 Datasheet HTML 223Page - National Semiconductor (TI) SC1100 Datasheet HTML 224Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 348 page
background image
www.national.com
220
Revision 1.1
Core Logic Module (Continued)
10
GPWIO2_STS. Indicates if PME was caused by activity on GPWIO2 (ball AF17).
0: No.
1: Yes.
Write 1 to clear.
For the PME to generate an SCI:
1)
Ensure that GPWIO2 is enabled as an input (F1BAR1+I/O Offset 15h[2] = 0)
2)
Set F1BAR1+I/O Offset 12h[10] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1. (See Note 2 in the general description of this
register above.)
If F1BAR1+I/O Offset 15h[6] = 1 it overrides these settings and GPWIO2 generates an SMI and the status is reported in
F1BAR0+00h/02h[0].
9
GPWIO1_STS. Indicates if PME was caused by activity on GPWIO1 (ball AE16).
0: No.
1: Yes.
Write 1 to clear.
For the PME to generate an SCI:
1)
Ensure that GPWIO1 is enabled as an input (F1BAR1+I/O Offset 15h[1] = 0)
2)
Set F1BAR1+I/O Offset 12h[9] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1. (See Note 2 in the general description of this
register above.)
If F1BAR1+I/O Offset 15h[5] = 1 it overrides these settings and GPWIO1 generates an SMI and the status is reported in
F1BAR0+00h/02h[0].
8
GPWIO0_STS. Indicates if PME was caused by activity on GPWIO0 (ball AC15).
0: No.
1: Yes.
Write 1 to clear.
For the PME to generate an SCI:
1)
Ensure that GPWIO0 is enabled as an input (F1BAR1+I/O Offset 15h[0] = 0)
2)
Set F1BAR1+I/O Offset 12h[8] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1. (See Note 2 in the general description of this
register above).
If F1BAR1+I/O Offset 15h[4] = 1 it overrides these settings and GPWIO0 generates an SMI and the status is reported in
F1BAR0+00h/02h[0].
7
Reserved. Must be set to 0.
6
USB_STS. Indicates if PME was caused by a USB interrupt event.
0: No.
1: Yes.
Write 1 to clear.
For the PME to generate an SCI, set F1BAR1+I/O Offset 12h[6] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1. (See Note 2 in the
general description of this register above.)
5
THRM_STS. Indicates if PME was caused by activity on THRM# (ball AE15).
0: No.
1: Yes.
Write 1 to clear.
For the PME to generate an SCI, set F1BAR1+I/O Offset 12h[5] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1, (See Note 2 in the
general description of this register above,)
4
SMI_STS. Indicates if PME was caused by activity on the internal SMI# signal.
0: No.
1: Yes.
Write 1 to clear.
For the PME to generate an SCI, set F1BAR1+I/O Offset 12h[4] = 1 and F1BAR1+I/O Offset 0Ch[0] = 1. (See Note 2 in the
general description of this register above.)
Table 5-34. F1BAR1+I/O Offset: ACPI Support Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com