Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 328 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 328 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 324Page - National Semiconductor (TI) SC1100 Datasheet HTML 325Page - National Semiconductor (TI) SC1100 Datasheet HTML 326Page - National Semiconductor (TI) SC1100 Datasheet HTML 327Page - National Semiconductor (TI) SC1100 Datasheet HTML 328Page - National Semiconductor (TI) SC1100 Datasheet HTML 329Page - National Semiconductor (TI) SC1100 Datasheet HTML 330Page - National Semiconductor (TI) SC1100 Datasheet HTML 331Page - National Semiconductor (TI) SC1100 Datasheet HTML 332Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 348 page
background image
www.national.com
328
Revision 1.1
Electrical Specifications (Continued)
tUSB_DJU22
Source differential driver jitter4 for
paired transactions
–150
150
ns
7-36
Function (downstream)
tUSB_SE2
Source EOP width4, 5
1.25
1.5
µs7-37
tUSB_DE2
Differential to EOP 5 transition skew
–40
100
ns
7-37
tUSB_RJD21
Receiver Data Jitter Tolerance4 for
consecutive transactions
–152
152
ns
7-38
Host (upstream)
tUSB_RJD22
Receiver Data Jitter Tolerance4 for
paired transactions
–200
200
ns
7-38
Host (upstream)
tUSB_RJU21
Receiver Data Jitter Tolerance4 for
consecutive transactions
–75
75
ns
7-38
Function (downstream)
tUSB_RJU22
Receiver Data Jitter Tolerance4 for
paired transactions
–45
45
ns
7-38
Function (downstream)
Low Speed Receiver EOP Width5
tUSB_RE21
Must reject as EOP
330
ns
7-36
tUSB_RE22
Must accept as EOP
675
ns
7-36
1.
Unless otherwise specified, all timings use a 50 pF capacitive load (CL) to ground.
2.
Full-speed timing has a 1.5 K
Ω pull-up to 2.8 V on the DPOS_Port1,2,3 lines.
3.
Timing difference between the differential data signals (DPOS_PORT1,2,3 and DNEG_PORT1,2,3).
4.
Measured at the crossover point of differential data signals (DPOS_PORT1,2,3 and DNEG_PORT1,2,3).
5.
EOP is the End of Packet where DPOS_PORTt = DNEG_PORT = SE0. SE0 occurs when output level voltage
≤ V
SE
(Min).
6.
CL = 350 pF.
Table 7-23. USB Interface Signals (Continued)
Symbol
Parameter
Min
Max
Unit
Figure
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com