Electronic Components Datasheet Search
  English  ▼

X  

SC1100 Datasheet(PDF) 332 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC1100
Description  Geode??Information Appliance On a Chip
PDF  348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC1100 Datasheet(HTML) 332 Page - National Semiconductor (TI)

Back Button SC1100 Datasheet HTML 328Page - National Semiconductor (TI) SC1100 Datasheet HTML 329Page - National Semiconductor (TI) SC1100 Datasheet HTML 330Page - National Semiconductor (TI) SC1100 Datasheet HTML 331Page - National Semiconductor (TI) SC1100 Datasheet HTML 332Page - National Semiconductor (TI) SC1100 Datasheet HTML 333Page - National Semiconductor (TI) SC1100 Datasheet HTML 334Page - National Semiconductor (TI) SC1100 Datasheet HTML 335Page - National Semiconductor (TI) SC1100 Datasheet HTML 336Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 348 page
background image
www.national.com
332
Revision 1.1
Electrical Specifications (Continued)
7.3.9
Fast IR Port Timing
Figure 7-40. Fast IR Timing (MIR and FIR)
Table 7-25. Fast IR Port Timing Parameters
Symbol
Parameter
Min
Max
Unit
Comments
tMPW
MIR Signal Pulse Width
tMWN-25
1
1.
tMWN is the nominal pulse width for MIR mode. It is determined by the M_PWID field (bits [4:0]) in the MIR_PW register
at offset 01h in bank 6 of logical device 5.
tMWN+25
ns
Transmitter
60
ns
Receiver
MDRT
MIR Transmitter Data Rate Tolerance
± 0.1%
tMJT
MIR Receiver Edge Jitter, % of Nominal Bit
Duration
± 2.9%
tFPW
FIR Signal Pulse Width
120
130
ns
Transmitter
90
160
ns
Receiver
tFDPW
FIR Signal Double Pulse Width
245
255
ns
Transmitter
215
285
ns
Receiver
FDRT
FIR Transmitter Data Rate Tolerance
± 0.01%
tFJT
FIR Receiver Edge Jitter, % of Nominal Bit
Duration
± 4.0%
tFPW
Data
MIR
FIR
Symbol
tFDPW
Chips
tMPW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com