Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 124 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 124 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 120Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 121Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 122Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 123Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 124Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 125Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 126Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 127Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 128Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
124
Data Sheet
S5335 FIFO OVERVIEW
The S5335 has two internal FIFOs. One FIFO is for
PCI bus to Add-On bus, the other FIFO is for Add-On
bus to PCI bus transfers. Each of these has eight 32-
bit registers. The FIFOs are both addressed through a
single PCI/Add-On Operation Register offset, but
which internal FIFO is accessed is determined by
whether the access is a read or write.
The FIFO may be either a PCI target or a PCI initiator.
As a target, the FIFO allows a PCI bus master to
access Add-On data. The FIFO also allows the S5335
to become a PCI initiator. Read and write address reg-
isters and transfer count registers allow the S5335 to
perform DMA transfers across the PCI bus. The FIFO
may act as initiator and a target at different times in the
same application.
The FIFO can be configured to support various Add-
On bus configurations. FIFO status and control signals
allow simple cascading into an external FIFO, the Add-
On bus can be 8-, 16-, or 32-bits wide, and data
endian conversion is optional to support any type of
Add-On CPU. PCI and Add-On interrupt capabilities
are available to support bus mastering through the
FIFO.
FUNCTIONAL DESCRIPTION
The S5335 FIFO interface allows a high degree of
functionality and flexibility. Different FIFO manage-
ment schemes, endian conversion schemes, and
advance conditions allow for a wide variety of Add-On
interfaces. Applications may implement the FIFO as
either a PCI target or program it to enable the S5335
to be a PCI initiator (bus master). The following sec-
tions describe, on a functional level, the capabilities of
the S5335 FIFO interface.
FIFO Buffer Management and Endian Conversion
The S5335 provides a high degree of flexibility for con-
trolling the data flow through the FIFO. Each FIFO
(PCI to Add-On and Add-On to PCI) has a specific
FIFO advance condition. For FIFO writes, the byte
which signifies a location is full is configurable. For
FIFO reads, the byte which signifies a location is
empty is configurable. This ability is useful for transfer-
ring data through the FIFO with Add-Ons which are not
32-bits wide. Endian conversion may also be per-
formed on data passing through the FIFO.
FIFO Advance Conditions
The specific byte lane used to advance the FIFO,
when accessed, is determined individually for each
FIFO interface (PCI and Add-On). The control bits to
set the advance condition are D29:26 of the Interrupt
Control/Status Register (INTCSR) in the PCI Opera-
tion Registers (Figure 73). The default FIFO advance
condition is set to byte 0. With the default setting, a
write to the FIFO with BE0# asserted indicates that the
FIFO location is now full, advancing the FIFO pointer
to the next location. BE0# does not have to be the only
byte enable asserted. Note, the FIFO advance condi-
tion may be different for the PCI to Add-On FIFO and
the Add-On to PCI FIFO directions.
Figure 73. INTCSR FIFO Advance and Endian Control Bits
INTCSR
0
0
1
1
0 NO CONVERSION (DEFAULT)
1 16 BIT ENDIAN CONV.
0 32 BIT ENDIAN CONV.
1 64 BIT ENDIAN CONV
FIFO ADVANCE CONTROL
PCI INTERFACE
0 0 BYTE 0 (DEFAULT)
0 1 BYTE 1
1 0 BYTE 2
1 1 BYTE 3
FIFO ADVANCE CONTROL
ADD-ON INTERFACE
0 0 BYTE 0 (DEFAULT)
0 1 BYTE 1
1 0 BYTE 2
1 1 BYTE 3
PCI TO ADD-ON FIFO
PCI
ADD-ON DWORD
TOGGLE
0 = BYTES 0-3 (DEFAULT)
1 = BYTE 4-7 (NOTE1)
ADD-ON TO PCI FIFO
ADD-ON PCI
DWORD
TOGGLE
0 = BYTES 0-3 (DEFAULT)
1 = BYTE 4-7 (NOTE1)
NOTE 1: D24 AND D25 MUST BE ALSO "1"
31 30 29
28 27
26 25
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com