Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 127 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 127 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 123Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 124Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 125Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 126Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 127Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 128Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 129Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 130Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 131Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
127
Data Sheet
Add-On FIFO Status Indicators
The Add-On interface implements FIFO status pins to
indicate the full and empty conditions of the PCI to
Add-On and Add-On to PCI FIFOs. These may be
used by the Add-On to allow data transfers between
the FIFO and memory, a peripheral, or even a cas-
caded external FIFO. The RDEMPTY and WRFULL
status outputs are always available to the Add-On.
Additional status signals are multiplexed with the byte-
wide, non-volatile memory interface pins. If the S5335
is configured for Add-On initiated bus mastering, these
status signals also become available to the Add-On.
FIFO status is also indicated by bits in the Add-On
General Control/Status and Bus Master Control/Status
Registers. The table below lists all FIFO status outputs
and their functions.
1. These signals are only available when a serial non-volatile mem-
ory is used and the device is configured for Add-On initiated bus
mastering.
Add-On FIFO Control Signals
The Add-On interface implements FIFO control pins to
manipulate the S5335 FIFOs. These may be used by
Add-On to control data transfer between the FIFO and
memory, a peripheral, or even a cascaded external
FIFO. The RDFIFO# and WRFIFO# inputs are always
available. These pins allow direct access to the FIFO
without generating a standard Add-On register access
using RD#, WR#, SELECT#, address pins and the
byte enables.
Additional control signals are multiplexed with the
byte-wide, non-volatile memory interface pins. If a
serial non-volatile memory is used and the S5335 is
configured for Add-On initiated bus mastering, these
control signals also become available. For PCI initi-
ated bus mastering, AMREN, AMWEN, FRC#, and
FWC# functionality is always available through bits in
the Bus Master Control/Status and Add-On General
Control/Status Registers. The FIFO control inputs are
listed below.
1. These signals are only available when a serial non-volatile mem-
ory is used and the S5335 is configured for Add-On initiated bus
mastering.
PCI Bus Mastering with the FIFO
The S5335 may initiate PCI bus cycles through the
FIFO interface. The S5335 allows blocks of data to be
transferred to and from the Add-On by specifying a
source/destination address on the PCI bus and a
transfer byte count. This DMA capability allows data to
be transferred across the PCI bus without host CPU
intervention.
Initiating a bus master transfer requires programming
the appropriate address registers and transfer byte
counts. This can be done from either the PCI interface
or the Add-On interface. Initiating bus master transfers
from the add-on is advantageous because the host
CPU does not have to intervene for the S5335 to
become a PCI Initiator. At the end of a transfer the
S5335 may generate an interrupt to either the PCI bus
(for PCI initiated transfers) or Add-On interface (for
Add-On initiated transfers).
Add-On Initiated Bus Mastering
If bit 7 in location 45h of an external serial non-volatile
memory is zero, the Master Read Address Register
(MRAR), Master Write Address Register (MWAR),
Master Read Transfer Count (MRTC), and Master
Write Transfer Count (MWTC) are accessible only
from the Add-On interface. Add-On initiated bus mas-
tering is not possible when a byte-wide boot device is
used due to shared device pins. When configured for
Add-On initiated bus mastering, the S5335 transfers
data until the transfer count reaches zero, or it may be
configured to ignore the transfer count.
Signal
Function
RDEMPTY
Indicates empty condition of the PCI to
Add-On FIFO
WRFULL
Indicates full condition of the Add-On to
PCI FIFO
FRF
Indicates full condition of the PCI to Add-
On FIFO1
FWE
Indicates the empty condition of the Add-
On to PCI FIFO1
Signal
Function
RDFIFO#
Reads data from the PCI to Add-On FIFO
WRFIFO#
Writes data into the Add-On to PCI FIFO
FRC#
Reset PCI to Add-On FIFO pointers and
status indicators1
FWC#
Reset Add-On to PCI FIFO pointers and
status indicators1
AMREN
Enable bus mastering for Add-On initiated
PCI reads1
AMWEN
Enable bus mastering for Add-On initiated
PCI writes1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com