Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 121 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 121 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 117Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 118Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 119Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 120Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 121Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 122Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 123Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 124Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 125Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
121
Data Sheet
Mailbox operations for the Add-On interface are functionally identical. The following sequences are suggested for
Add-On mailbox operations using status polling (interrupts disabled):
Mailbox Interrupts
Although polling status is useful, in some cases, polling requires continuous actions by the processor reading or
writing the mailbox. Mailbox interrupt capabilities are provided to avoid much of the processor overhead required
by continuously polling status bits.
The Add-On and PCI interface can each generate interrupts on an incoming mailbox condition and/or an outgoing
mailbox condition. These can be individually enabled/disabled. A specific byte in one incoming mailbox and one
outgoing mailbox is identified to generate the interrupt(s). The tasks required to setup mailbox interrupts are shown
below:
Reading an Add-On Incoming Mailbox:
1. Check Mailbox Status. Read the mailbox status register to determine if any information has been passed from the PCI interface.
AMBEF
Bits 15:0
If a bit is set, valid data is contained in the corre-
sponding mailbox byte.
2. Read Mailbox(es). Read the mailbox bytes which AMBEF indicates are full. This automatically resets the status bits in
the AMBEF and MBEF registers.
AIMBx
Bits 31:0
Mailbox data.
Writing an Add-On Outgoing Mailbox:
1. Check Mailbox Status. Read the mailbox status register to determine if information previously written to the mailbox has
been read by the PCI interface. Writes to full mailbox bytes overwrite data currently in the mailbox (if not already read
by the PCI interface). Repeat until the byte(s) to be written are empty.
AMBEF
Bits 31:16
If a bit is set, valid data is contained in the corre-
sponding mailbox byte and has not been read by
the PCI bus.
2. Write Mailbox(es). Write to the outgoing mailbox byte(s).
AOMBx
Bits 31:0
Mailbox data.
Enabling PCI mailbox interrupts:
1. Enable PCI outgoing mailbox interrupts. A specific byte within one of the outgoing mailboxes is identified to assert
INTA# when read by the Add-On interface.
INTCSR
Bit 4
Enable outgoing mailbox interrupts
INTCSR
Bits 3:2
Identify mailbox to generate interrupt
INTCSR
Bits 1:0
Identify mailbox byte to generate interrupt
2. Enable PCI incoming mailbox interrupts. A specific byte within one of the incoming mailboxes is identified to assert
INTA# when written by the Add-On interface.
INTCSR
Bit 12
Enable incoming mailbox interrupts
INTCSR
Bits 11:10
Identify mailbox to generate interrupt
INTCSR
Bits 9:8
Identify mailbox byte to generate interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com