Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 117 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 117 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 113Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 114Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 115Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 116Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 117Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 118Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 119Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 120Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 121Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
117
Data Sheet
MAILBOX OVERVIEW
The S5335 has eight 32-bit mailbox registers. The
mailboxes are useful for passing command and status
information between the Add-On and the PCI bus. The
PCI interface has four incoming mailboxes (Add-On to
PCI) and four outgoing mailboxes (PCI to Add-On).
The Add-On interface has four incoming mailboxes
(PCI to Add-On) and four outgoing mailboxes (Add-On
to PCI). The PCI incoming and Add-On outgoing mail-
boxes are the same, internally. The Add-On incoming
and PCI outgoing mailboxes are also the same,
internally.
The mailbox status may be monitored in two ways.
The PCI and Add-On interfaces each have a mailbox
status register to indicate the empty/full status of bytes
within the mailboxes. The mailboxes may also be con-
figured to generate interrupts to the PCI and/or Add-
On interface. One outgoing and one incoming mailbox
on each interface can be configured to generate
interrupts.
FUNCTIONAL DESCRIPTION
Figure 71 shows a block diagram of the PCI to Add-On
mailbox registers. Add-On incoming mailbox read
accesses pass through an output interlock latch. This
prevents a PCI bus write to a PCI outgoing mailbox
from corrupting data being read by the Add-On. Figure
72 shows a block diagram of the Add-On to PCI mail-
box registers. PCI incoming mailbox reads also pass
through an interlocking mechanism. This prevents an
Add-On write to an outgoing mailbox from corrupting
data being read by the PCI bus. The following sections
describe the mailbox flag functionality and the mailbox
interrupt capabilities.
Figure 71. Block Diagram - PCI to Add-On Mailbox Register
Figure 72. Block Diagram - Add-On to PCI Mailbox Register
MAILBOX
REGISTER
ADD-ON
BUS
"INCOMING
MAILBOX"
SELECT
OUTPUT
INTERLOCK
LATCH
OUTPUT
DRIVER
ADD-ON
BUS
MAILBOX
FULL
S
Q
D
"O"
LOAD ENABLE
READ ENABLE
EN
EN
ADD-ON
RD#
SELECT#
EMPTY/FULL FF
Q
D
Q
D
PCI BUS
"OUTGOING MAILBOX"
SELECTED READ ENABLE
"INCOMING MAILBOX"
MAILBOX
REGISTER
PCI
"INCOMING
MAILBOX"
SELECT
OUTPUT
INTERLOCK
LATCH
ADD-ON
BUS
"OUTGOING
MAILBOX"
WR#
SELECT#
PCI BUS
"INCOMING MAILBOX"
REGISTER
DECODE OF
ADR[6:2]
BE[3:0]#
MAILBOX
FULL
"O"
PCI READ PULSE
EMPTY/FULL FF
ADD-ON WRITE PULSE
SELECTED
READ PULSE
EN
Q
S
D
QD
QD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com