Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 119 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 119 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 115Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 116Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 117Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 118Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 119Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 120Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 121Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 122Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 123Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
119
Data Sheet
Add-On Outgoing Mailbox 4, Byte 3 Access
PCI incoming mailbox 4, byte 3 (Add-On outgoing
mailbox 4, byte 3) does not function exactly like the
other mailbox bytes. When an a serial nv memory boot
device or no external boot device is used, the S5335
pins EA7:0 are redefined to provide direct external
access to Add-On outgoing mailbox 4, byte 3. EA8 is
redefined to provide a load clock which may be used
to generate a PCI interrupt. The pins are redefined as
follows:
If the S5335 is programmed to generate a PCI inter-
rupt (INTA#), on an Add-On write to outgoing mailbox
4, byte 3, a rising edge on EMBCLK generates a PCI
interrupt. The bits EMB7:0 can be read by the PCI bus
interface by reading the PCI incoming mailbox 4, byte
3. These bits are useful to indicate various conditions
which may have caused the interrupt.
When using the S5335 with a byte-wide boot device,
the capability to generate PCI interrupts with Add-On
hardware does not exist. In this configuration, PCI
incoming mailbox 4, byte 3 (Add-On incoming mailbox
4, byte 3) cannot be used to transfer data from the
Add-On - it always returns zeros when read from the
PCI bus. This mailbox byte is sacrificed to allow the
added functionality provided when a byte-wide boot
device is not used.
BUS INTERFACE
The mailboxes appear on the Add-On and PCI bus
interfaces as eight operation registers. Four are outgo-
ing mailboxes, four are incoming mailboxes. The
mailboxes may be used to generate interrupts to each
of the interfaces. The following sections describe the
Add-On and PCI bus interfaces for the mailbox
registers.
PCI Bus Interface
The mailboxes are only accessible with the S5335 as
a PCI target. The mailbox operation registers do not
support burst accesses by an initiator. A PCI initiator
attempting to burst to the mailbox registers causes the
S5335 to respond with a target disconnect with data.
PCI writes to full outgoing mailboxes overwrite data
currently in that the mailbox. PCI reads from empty
incoming mailboxes return the data that was previ-
ously contained in the mailbox. Neither of these
situations cause a target retry or abort.
PCI incoming and outgoing mailbox interrupts are
enabled in the Interrupt Control/Status Register
(INTCSR). The mailboxes can generate a PCI inter-
rupt (INTA#) under two conditions (individually
enabled). For an incoming mailbox full interrupt, INTA#
is asserted on the PCI clock rising edge after the Add-
On mailbox write completes. For an outgoing mailbox
empty interrupt, INTA# is asserted on the PCI clock
rising edge after the Add-On mailbox read completes
(the rising edge of RD#). INTA# is deasserted on the
next PCI clock rising edge after the PCI access to
clear the mailbox interrupt completes (TRDY#
deasserted).
Add-On Bus Interface
The Add-On mailbox interface behaves similar to the
PCI bus interface. Add-On writes to full outgoing mail-
boxes overwrite data currently in that mailbox. PCI
reads from empty incoming mailboxes return the data
that was previously contained in the mailbox.
Add-On incoming and outgoing mailbox interrupts are
enabled in the Add-On Interrupt Control/Status Regis-
ter (AINT). The mailboxes can generate the Add-On
IRQ# interrupt under two conditions (individually
enabled). For an incoming mailbox full interrupt, IRQ#
is asserted one PCI clock period after the PCI mailbox
write completes (TRDY# deasserted). For an outgoing
mailbox empty interrupt, IRQ# is asserted one PCI
clock period after the PCI mailbox read completes
(TRDY# deasserted). IRQ# is deasserted immediately
when the Add-On clears the mailbox interrupt.
When the S5335 is used with a serial nv memory boot
device or no external boot device, the device pins
EA8:0 are redefined. EA7:0 become EMB7:0 data
inputs and EA8 becomes EMBCLK, a load clock. This
configuration allows the Add-On to generate PCI inter-
rupts with a low-to-high transition on EMBCLK. The
PCI incoming mailbox interrupt must be enabled and
set for mailbox 4, byte3 in the PCI Interrupt Control/
Status Register (INTCSR). EMBCLK should begin
high and be pulsed low, then high to be recognized.
The rising edge of EMBCLK generates the interrupt.
The rising edge of EMBCLK also latches in the values
on EMB7:0. The S5335 interrupt logic must be cleared
(INTA# deasserted) through INTCSR before further
EMBCLK interrupts are recognized.
Signal Pin
Add-On Outgoing Mailbox
EA0/EMB0
EA1/EMB1
EA2/EMB2
EA3/EMB3
EA4/EMB4
EA5/EMB5
EA6/EMB6
EA7/EMB7
EA8/EMBCLK
Mailbox 4, bit 24
Mailbox 4, bit 25
Mailbox 4, bit 26
Mailbox 4, bit 27
Mailbox 4, bit 28
Mailbox 4, bit 29
Mailbox 4, bit 30
Mailbox 4, bit 31
Mailbox 4, byte 3 load clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com