Electronic Components Datasheet Search
  English  ▼

X  

S5335 Datasheet(PDF) 115 Page - Applied Micro Circuits Corporation

Part # S5335
Description  PCI Bus Controller, 3.3V
PDF  189 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

S5335 Datasheet(HTML) 115 Page - Applied Micro Circuits Corporation

Back Button S5335 Datasheet HTML 111Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 112Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 113Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 114Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 115Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 116Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 117Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 118Page - Applied Micro Circuits Corporation S5335 Datasheet HTML 119Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 189 page
background image
S5335 – PCI Bus Controller, 3.3V
Revision 5.01 – November 30, 2005
AMCC Confidential and Proprietary
DS1657
115
Data Sheet
nv Memory Device Timing Requirements
For serial nv memory devices, the serial clock output
frequency is the PCI clock frequency divided by 512.
This is approximately 65 KHz (with a 33 MHz PCI
clock). Any serial memory device that operates at this
frequency is compatible with the S5335.
For byte-wide accesses, the S5335 generates the
waveforms shown in Figures 50 and 51. Figure 69
shows an nv memory read operation. Figure 70 shows
an nv memory write operation. Read operations are
always the same length. Write operations, due to the
characteristics of reprogrammable nv memory
devices, may be controlled through a programming
sequence.
Figure 69. nv Memory Read Operation
Memory Device Requirements for Read Accesses
Timing
Spec.
T = 30 ns
Read cycle time
8T(max)
240 ns
Address valid to data valid
7T–10(max)
200 ns
Address valid to read active
T(max)
30 ns
Read active to data valid
6T–10(max)
170 ns
Read pulse width
6T(max)
180 ns
Data hold from read inactive
—
2 ns
Data Valid
EQ[7:0]
(INPUT)
EA[15:0]
(OUTPUT)
ERD#
(OUTPUT)
Address Valid
t35
t36
t37
t39
t38
t41
t40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com