Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 20 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 20 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 16Page - Microchip Technology DSA504RT Datasheet HTML 17Page - Microchip Technology DSA504RT Datasheet HTML 18Page - Microchip Technology DSA504RT Datasheet HTML 19Page - Microchip Technology DSA504RT Datasheet HTML 20Page - Microchip Technology DSA504RT Datasheet HTML 21Page - Microchip Technology DSA504RT Datasheet HTML 22Page - Microchip Technology DSA504RT Datasheet HTML 23Page - Microchip Technology DSA504RT Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 20
Register Map (continued)
Address
Name
Default
Type
0x00C1
fd1_config6
0x00
R/W
0x00C2:0x00C6
fd2_div
0x0000000000
R/W
0x00C7:0x00C8
fd2_den
0x0000
R/W
0x00C9:0x00CA
fd2_rem
0x0000
R/W
0x00CB:0x00CC
fd2_ss_cnt
0x0000
R/W
0x00CD:0x00D0
fd2_ss_id
0x00000000
R/W
0x00D1
fd2_config0
0x30
R/W
0x00D2
fd2_config1
0x80
R/W
0x00D3
fd2_config2
0x00
R/W
0x00D4
fd2_config3
0x00
R/W
0x00D5:0x00D9
fd2_div_b
0x0000000000
R/W
0x00DA:0x00DD
fd2_ss_id_b
0x00000000
R/W
0x00DE:0x00DF
fd2_ss_cnt_b
0x0000
R/W
0x00E0
fd2_config4
0x00
R/W
0x00E1
fd2_config5
0x60
R/W
0x00E2
fd2_config6
0x00
R/W
0x00E3:0x00FF
Reserved
—
—
0x0100:0x01FF
Reserved
—
—
0x0200:0x02FF
Reserved
—
—
Register List, Page0 Registers
Address:
Name:
Default:
Type:
0x004B:0x004C
clkmon_n1
0x0000
R/W
Bit Field
Function Name
Description
15:0
—
FUSA FAULT6 CLKMON N1=0.9 of max or 0.85-0.95 depending on %
spread.
Address:
Name:
Default:
Type:
0x004D:0x004E
clkmon_n2
0x0000
R/W
Bit Field
Function Name
Description
15:0
—
FUSA FAULT6 CLKMON N2 divider ratio for t2=2*N2/FCLKIN enable
window.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com