Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 59 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 59 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 55Page - Microchip Technology DSA504RT Datasheet HTML 56Page - Microchip Technology DSA504RT Datasheet HTML 57Page - Microchip Technology DSA504RT Datasheet HTML 58Page - Microchip Technology DSA504RT Datasheet HTML 59Page - Microchip Technology DSA504RT Datasheet HTML 60Page - Microchip Technology DSA504RT Datasheet HTML 61Page - Microchip Technology DSA504RT Datasheet HTML 62Page - Microchip Technology DSA504RT Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
DSA504RT
Electrical Characteristics
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 59
Table 6-12. LVCMOS AC Electrical Characteristics (continued)
Electrical Characteristics: Unless otherwise indicated, VDD = 3.3V ±10%, VDD = 2.5V ±10%, VDD = 1.8V +10%/-5%, CLOAD =
2pF, TA = –40°C to +105°C.
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Output Rise/Fall
Time
tR/tF
—
700
—
ps
20% – 80%
6.5.
Temperature Specifications
The following table lists the temperature specifications.
Table 6-13. Temperature Specifications
Parameter
Symbol
Min.
Typ.
Max.
Units
Condition
Temperature Ranges
Operating Ambient Temperature Range
TA
–55
—
115
°C
—
Junction Operating Temperature
TJ
—
—
125
°C
Note 1
Storage Temperature Range
TS
–55
—
150
°C
—
Soldering Temperature
—
—
+260
—
°C
Soldering, 20 sec.
VQFN28 Package
Moisture Level for VQFN package
—
MSL1
—
Junction-to-Ambient Thermal Resistance, in
Air, for VQFN package (Note 3)
ƟJA
—
16.2
—
⁰C/W
Note 2
Junction-to-Board Thermal Resistance, in Air,
for VQFN package
ƟJB
—
4.2
—
°C/W
Note 2
Junction-to-Case Thermal Resistance, in Air,
for VQFN package
ƟJC
—
38.5
—
°C/W
Junction to top of
case.
Junction-to-Pad Thermal Resistance, in Air, for
VQFN package (Note 4)
ƟJP
—
0.67
—
°C/W
—
CQFP32 Package
Junction-to-Ambient Thermal Resistance, in
Air, for CQFP32 package
ƟJA
—
35.3
—
°C/W
—
Junction-to-Board Thermal Resistance, in Air,
for CQFP32 package
ƟJB
—
18
—
°C/W
—
Junction-to-Case Thermal Resistance, in Air,
for CQFP32 package
ƟJC
—
35.9
—
°C/W
Junction to top of case
Junction-to-Case Thermal Resistance, in
Vacuum, for CQFP32 package
ƟJC
—
14
—
°C/W
Junction to top of case
Junction-to-Bottom-Package Thermal
Resistance, in Vacuum, for CQFP32 package
—
—
7.3
—
°C/W
—
1. The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction
temperature, and the thermal resistance from junction to air (that is, TA, TJ, ƟJA). Exceeding the maximum allowable
power dissipation will cause the device operating junction temperature to exceed the maximum +125 °C rating.
Sustained junction temperature above +125 °C can impact the device reliability.
2. Package thermal resistance assumes that the exposed pad is soldered (or equivalent) to the devices most negative
potential on the PCB. ƟJB and ƟJA values are determined for a 4-layer board in still-air number.
3. Theta-JA (ƟJA) is the thermal resistance from junction to ambient when dissipating maximum power.
4. Theta-JP (ƟJP) is the thermal resistance from junction to the center exposed pad on the bottom of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com