Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 37 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 37 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 33Page - Microchip Technology DSA504RT Datasheet HTML 34Page - Microchip Technology DSA504RT Datasheet HTML 35Page - Microchip Technology DSA504RT Datasheet HTML 36Page - Microchip Technology DSA504RT Datasheet HTML 37Page - Microchip Technology DSA504RT Datasheet HTML 38Page - Microchip Technology DSA504RT Datasheet HTML 39Page - Microchip Technology DSA504RT Datasheet HTML 40Page - Microchip Technology DSA504RT Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 37
5
cmos_drvp
OUT4 drive strength. See output0_config2p::cmos_drvp at 0x61.
4
cmos_drvn
OUT4b drive strength. Seeoutput0_config2::cmos_drvn at 0x61.
3
cmos_edge_n[2]
Concatenated with cmos_edge_n[1:0] in the output4_config1 register at
0x77:0x78.
2:0
cmos_edge_p
OUT4 CMOS edge p control. See output0_config2::cmos_edge_p at
0x61.
Address:
Name:
Default:
Type:
0x007A
output4_config3
0x00
R/W
Bit Field
Function Name
Description
7:5
reserved
—
4
pecl_lvds_res
Output buffer LVPECL and LVDS signal swing control. See
output0_config3::pecl_lvds_res at 0x62.
3
hcsl_en42ohm
Output buffer LPHCSL output impedance selector. See
output0_config3::hcsl_en42ohm at 0x62.
2
ldo_en
OUT0 buffer enable LDO selector. See output0_config3::ldo_en at 0x62.
1
en_mod18
OUT0 LVCMOS bias selector for duty cycle enhancement at 1.8V. See
output0_config3::en_mod18 at 0x62.
0
cmos_p_disable
OUT0 disable. See output0_config3::cmos_p_disable at 0x62.
Address:
Name:
Default:
Type:
0x007B:0x007C
output5_config0
0x0200
R/W
Bit Field
Function Name
Description
15
reserved
—
14:11
mode
OUT5 output buffer mode selector. See output0_config0::mode at
0x5D:0x5E.
10:0
bdiv_val_b
OUT5 buffer divider ratio, frequency plan B. See
output0_config0::bdiv_val_b at 0x5D:0x5E.
Address:
Name:
Default:
Type:
0x007D:0x007E
output5_config1
0xDA00
R/W
Bit Field
Function Name
Description
15:14
cmos_edge_n
OUT5b CMOS edge rate selector. See output0_config1::cmos_edge_n at
0x5F:0x60.
13
cmos_n_disable
OUT5b disable. See output0_config1::cmos_n_disable at 0x5F:0x60.
12:11
en_pass_res
OUT5 reference voltage bias adjustment for ldo_variable (PECL, LVDS,
HCSL). See output0_config1::en_pass_res at 0x5F:0x60.
10:0
bdiv_val
OUT5 buffer divider ratio, frequency plan A. See
output0_config1::bdiv_val at 0x5F:0x60.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com