Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 43 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 43 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 39Page - Microchip Technology DSA504RT Datasheet HTML 40Page - Microchip Technology DSA504RT Datasheet HTML 41Page - Microchip Technology DSA504RT Datasheet HTML 42Page - Microchip Technology DSA504RT Datasheet HTML 43Page - Microchip Technology DSA504RT Datasheet HTML 44Page - Microchip Technology DSA504RT Datasheet HTML 45Page - Microchip Technology DSA504RT Datasheet HTML 46Page - Microchip Technology DSA504RT Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 43
Address:
Name:
Default:
Type:
0x009A
xbar_sel45_b
0x3F
R/W
Bit Field
Function Name
Description
7:6
reserved
—
5:3
sel5_b
OUT5 source, frequency plan B. See xbar_sel01_b::sel0_b.
2:0
sel4_b
OUT4 source, frequency plan B. See xbar_sel01_b::sel0_b.
Address:
Name:
Default:
Type:
0x009B
oc1_divn
0x00
R/W
Bit Field
Function Name
Description
7:5
post_div
INTDIV1 post-divider, frequency plan A.
000 = 1
001 = 2
010 = 4
011 = 6
1xx = 8
4:0
div
INTDIV1 divider, frequency plan A.
0 = 32
1 = 33
2, 3 = 32
4-31 = 4-31
Address:
Name:
Default:
Type:
0x009C
oc1_divn_pdn
0xF
R/W
Bit Field
Function Name
Description
7:4
reserved
—
3:2
pdn_b
INTDIV1 divider power down, frequency plan B.
0 = normal operation
3 = power down
1:0
pdn
INTDIV1 divider power down, frequency plan A.
0 = normal operation
3 = power down
Address:
Name:
Default:
Type:
0x009D
oc1_divn_b
0x00
R/W
Bit Field
Function Name
Description
7:5
post_div_b
INTDIV1 post divider, frequency plan B. See oc1_divn::post_div at 0x9B.
4:0
div_b
INTDIV1 divider, frequency plan B. See oc1_divn::div at 0x9B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com