Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 70 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 70 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 65Page - Microchip Technology DSA504RT Datasheet HTML 66Page - Microchip Technology DSA504RT Datasheet HTML 67Page - Microchip Technology DSA504RT Datasheet HTML 68Page - Microchip Technology DSA504RT Datasheet HTML 69Page - Microchip Technology DSA504RT Datasheet HTML 70Page - Microchip Technology DSA504RT Datasheet HTML 71Page - Microchip Technology DSA504RT Datasheet HTML 72Page - Microchip Technology DSA504RT Datasheet HTML 73Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 70 / 73 page
background image
DSA504RT
Product Identification System
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 70
10.
Product Identification System
The following table lists the product identification code and description.
Table 10-1. Product Identification System
Part Number
-XXX
-YY
-0XXXX
Package
Quality Flow
Configuration Code
Device
—
—
DSA504RT
Package
—
—
ZXX = 28-Lead 4 mm × 4 mm VQFN
XJB = 32-Lead 16 mm × 16 mm CQFP
Quality Flow
—
—
E = Engineering Samples
MQ = QML-Q Equivalent
SV = QML-V Equivalent
HP = Hirel Plastic
HC = Hirel Ceramic
SP = QML-P Equivalent
Configuration Code
—
—
0XXXX = Code generated by the factory during part
creation
Note: VQFN parts are delivered in a waffle package; CQFP is delivered in an individual box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com