Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 40 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 40 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 36Page - Microchip Technology DSA504RT Datasheet HTML 37Page - Microchip Technology DSA504RT Datasheet HTML 38Page - Microchip Technology DSA504RT Datasheet HTML 39Page - Microchip Technology DSA504RT Datasheet HTML 40Page - Microchip Technology DSA504RT Datasheet HTML 41Page - Microchip Technology DSA504RT Datasheet HTML 42Page - Microchip Technology DSA504RT Datasheet HTML 43Page - Microchip Technology DSA504RT Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 40
Address:
Name:
Default:
Type:
0x0083
apll_config1
0xE8
R/W
Bit Field
Function Name
Description
7:6
js_order
APLL frequency plan A feedback divider sigma-delta modulation order.
0 = no sigma delta (fractional bits ignored)
1 = js1. no shaping (integer mode)
2 = js2. 20dB/decade — do not use
3 = js3. 40dB/decade (fractional mode)
5:3
pfd_ctl_432
APLL frequency plan A PFD anti-backlash width setting and PFD boost.
0 = 250ps
1 = 700ps
2 = 250ps (boost)
3 = 350ps (boost)
4 = 1000ps
5 = 1200ps
6 = 1400ps
7 = 1600ps
2:0
podivn
APLL output divider post-divider value.
0 = divide by 1
1 = divide by 2
2 = divide by 4
3 = divide by 6
other = divide by 8
Address:
Name:
Default:
Type:
0x0084:0x0085
afbden
0x0000
R/W
Bit Field
Function Name
Description
15:0
—
APLL fractional divider denominator. Can be used with afbrem to
sigma-delta modulate the APLL fractional divider lsb when 0ppm
frequency conversion from CLKIN is required.
Address:
Name:
Default:
Type:
0x0086:0x0087
afbrem
0x0000
R/W
Bit Field
Function Name
Description
15:0
—
APLL fractional divider remainder. Can be used with afbden to sigma-
delta modulate the APLL fractional divider lsb when 0ppm frequency
conversion from CLKIN is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com