Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 15 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 15 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 11Page - Microchip Technology DSA504RT Datasheet HTML 12Page - Microchip Technology DSA504RT Datasheet HTML 13Page - Microchip Technology DSA504RT Datasheet HTML 14Page - Microchip Technology DSA504RT Datasheet HTML 15Page - Microchip Technology DSA504RT Datasheet HTML 16Page - Microchip Technology DSA504RT Datasheet HTML 17Page - Microchip Technology DSA504RT Datasheet HTML 18Page - Microchip Technology DSA504RT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
DSA504RT
Functional Description
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 15
Table 3-1. GPIO Pin Function (continued)
Selection
0-31 (5 bits)
Function
Direction
Function Description
Comment
16
SEL
(Note 1)
Input
Reference Clock Select
Not available on DSA504RT, as it does not include an
internal MO.
17
FAULT0
Output
PLL_LOL (PLL Loss of Lock) FAULT0=L=PLL locked FAULT0=H=PLL out of lock
1 OTP bit is reserved to select if PLL_LOL and
PLL_LOS will squelch the buffer’s outputs or no.
18
FAULT1
Output
PLL_LOS (PLL Loss of
Source)
FAULT1=L External clock present and monitored.
FAULT1=H LOS of external clock
1 OTP bit is reserved to select if PLL_LOL and
PLL_LOS will squelch the buffer’s outputs or no.
19
FAULT2
Output
Temperature Sensor is
out of range. Programmed
ADC range –40°C to
+105°C
FAULT2=L=Temperature within range
FAULT2=H=Temperature out of range
20
FAULT5
Output
OTP Checksum failure (not
part of Poly, custom RTL
code needed)
FAULT5=L=No failure FAULT5=H=Failure
Applies to the customer configuration. This fault
generates a flag, but does not stop the part.
…
28
SYNC
(Note 1)
Input
Synchronize BED in same
Frequency Plan
Synchronizes BED on 0->1 edge trigger
…
30
STDBY_b
(Note 1)
Input
Low power standby mode L: OPERATE to STDBY
H: Go to OPERATE, Stay in OPERATE
31
CHIPID
(Note 2)
Input
Controlling LSB in I2C
Client Address
L={CHIPID[6:1],0} or {CHIPID[9:1],0}
H={CHIPID[6:1],1} or {CHIPID[9:1],1}
Notes:
1. These GPIOs have to be toggled one at a time with at least 10ms in between.
2. Should not be toggled after power-up.
3. The device only supports one GPIO controlling output enable for each of OUT0-OUT5. This makes, for example, decode
7 mutually exclusive with decodes 1-6 and decode 8 mutually exclusive with decodes 1-3 and 7.
4. The device only supports one GPIO controlling spread spectrum for each fractional divider. This makes, for example,
decode 14 mutually exclusive with decodes 12, 13, and 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com