Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 53 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 53 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 49Page - Microchip Technology DSA504RT Datasheet HTML 50Page - Microchip Technology DSA504RT Datasheet HTML 51Page - Microchip Technology DSA504RT Datasheet HTML 52Page - Microchip Technology DSA504RT Datasheet HTML 53Page - Microchip Technology DSA504RT Datasheet HTML 54Page - Microchip Technology DSA504RT Datasheet HTML 55Page - Microchip Technology DSA504RT Datasheet HTML 56Page - Microchip Technology DSA504RT Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
DSA504RT
Electrical Characteristics
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 53
Table 6-3. DC Electrical Characteristics (continued)
Electrical Characteristics: Unless otherwise indicated, VDD = 1.8V +10%/-5%, VDD = 2.5V ±10%, VDD = 3.3V ±10%, TA =
–40°C to +105°C.
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Output Buffer
Supply Current
IDDOX
—
33.5
—
mA
LVPECL Output @ 156.25MHz
—
8
—
mA
LPHSCL Output @ 100MHz
—
20
—
mA
LVDS Output @ 156.25MHz
—
17.2
—
mA
3.3V LVCMOS Output @
170MHz, 2pF load, 5”
trace length
Drive
strengt
h 0
1 Output
—
31.6
—
2 Outputs
—
19.9
—
Drive
strengt
h 1
1 Output
—
37.0
—
2 Outputs
—
12.3
—
mA
2.5V LVCMOS Output @
170MHz, 2pF load, 5”
trace length
Drive
strengt
h 0
1 Output
—
21.7
—
2 Outputs
—
15.0
—
Drive
strengt
h 1
1 Output
—
27.2
—
2 Outputs
—
8.0
—
mA
1.8V LVCMOS Output @
170MHz, 2pF load, 5”
trace length
Drive
strengt
h 0
1 Output
—
13.1
—
2 Outputs
—
10.0
—
Drive
strengt
h 1
1 Output
—
17.2
—
2 Outputs
Total Power
Consumption
PDD
—
270
—
mW
Core powered with 1.8V and enabled:
2x2.5V LVDS output @ 156.25MHz
2x1.8V HCSL output @ 100MHz
2x3.3V CMOS output @ 25MHz
Differential Input
Logic Levels
VIHD
0.15
—
—
V
CLKIN, /CLKIN (differential input)
VILD
—
—
–0.15
V
HCSL Single-Ended
Input Common
Mode Voltage
VSIC
0.25
—
0.55
V
—
Single-Ended CMOS
Input Logic Levels
VIHSE
0.8 x VDD
—
—
V
CLKIN (Single-ended input)
VILSE
—
—
0.2 x VDD
V
Single-Ended CMOS
CLKIN Hysteresis
HYSfISE
—
0.5
—
V
—
Control Input Logic
Levels
VIHC
0.7 x VDD
—
—
V
Control pins: GPIOs, SDA, SCL
VILC
–0.3
—
0.3 x VDD
V
6.3.1.
LVPECL DC Electrical Characteristics
The following table lists the LVPECL DC Electrical Characteristics.
Table 6-4. LVPECL DC Electrical Characteristics
Electrical Characteristics: Unless otherwise indicated, VDD = 3.3V ±10%, VDD = 2.5V ±10%, TA = –40°C to +105°C
Parameter
Symbol
Min.
Typ.
Max.
Units Condition
Output High
Voltage
VOH
VDDO–
1.145
VDDO–0.97
VDDO–
0.845
V
50Ω to VDDO – 2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com