Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 14 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 14 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 10Page - Microchip Technology DSA504RT Datasheet HTML 11Page - Microchip Technology DSA504RT Datasheet HTML 12Page - Microchip Technology DSA504RT Datasheet HTML 13Page - Microchip Technology DSA504RT Datasheet HTML 14Page - Microchip Technology DSA504RT Datasheet HTML 15Page - Microchip Technology DSA504RT Datasheet HTML 16Page - Microchip Technology DSA504RT Datasheet HTML 17Page - Microchip Technology DSA504RT Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
DSA504RT
Functional Description
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 14
programmed at register field sel_gpiox_func to perform a specific function as described in the
following table.
Table 3-1. GPIO Pin Function
Selection
0-31 (5 bits)
Function
Direction
Function Description
Comment
0
OFF
Input
No GPIO Function
GPIO function OFF
1
OE0
Input
OE OUT0
L=OFF, H=ON (default)
(Note 3)
2
OE1
Input
OE OUT1
L=OFF, H=ON (default)
(Note 3)
3
OE2
Input
OE OUT2
L=OFF, H=ON (default)
(Note 3)
4
OE3
Input
OE OUT3
L=OFF, H=ON (default)
(Note 3)
5
OE4
Input
OE OUT4
L=OFF, H=ON (default)
(Note 3)
6
OE5
Input
OE OUT5
L=OFF, H=ON (default)
(Note 3)
7
OE0-5
Input
OE OUT0-5
L=OFF, H=ON (default)
(Note 3)
8
OE0-2
Input
OE OUT0-2
L=OFF, H=ON (default)
(Note 3)
9
OE3-5
Input
OUT3-5
L=OFF, H=ON (default)
(Note 3)
10
FS0
(Note 1)
Input
Frequency Select using
back-end dividers (BEDx).
6-bit register SEL_GPIO_FS0_BED with LSB (bit 0)
associated with BED0 and MSB (bit 5) associated with
BED5:
If bit = 0: associated frequency plan A BED selected
(default)
If bit = 1: associated frequency plan B BED selected
Example:
SEL_BANK_BED = 010110 corresponds to:
OUT0 = A0, OUT1 = B1, OUT2 = A2, OUT3 = B3, OUT4
= B4, OUT5 = A5
11
FS1
(Note 1)
Input
Frequency Select
Frequency Plan A or
B: APLL LC-VCO, APLL
FB, FracDiv1-2, IntDiv1-2,
MUX0-5, BEDiv0-5
L=Frequency Plan A at OUT0-5 H=Frequency Plan B
at OUT0-5
12
SS0
Input
Spread Spectrum FD1
SS0=L=OFF (default) SS0=H=ON
(Note 4)
13
SS1
Input
Spread Spectrum FD2
SS1=L=OFF (default) SS1=H=ON
(Note 4)
14
SS2
Input
Spread Spectrum FD1 &
FD2
SS2=L=OFF (default) SS2=H=ON
(Note 4)
15
SS3
Input
Spread Spectrum
Multiplier FD1 & FD2
SS3=L=1x (default) SS3=H=2x
(Note 4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com