Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 31 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 31 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 27Page - Microchip Technology DSA504RT Datasheet HTML 28Page - Microchip Technology DSA504RT Datasheet HTML 29Page - Microchip Technology DSA504RT Datasheet HTML 30Page - Microchip Technology DSA504RT Datasheet HTML 31Page - Microchip Technology DSA504RT Datasheet HTML 32Page - Microchip Technology DSA504RT Datasheet HTML 33Page - Microchip Technology DSA504RT Datasheet HTML 34Page - Microchip Technology DSA504RT Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 31
12:11
en_pass_res
OUT0 reference voltage bias adjustment for ldo_variable (PECL, LVDS,
HCSL) :
00 = 20.58kΩ (@ 1.235V): LVCMOS
x1 = 12.35kΩ (@1.235V): LVPECL, LVDS 1.8V
10 = 14.41kΩ (@ 1.235V): LVDS
xx = 14.41kΩ/0.98kΩ (@ 1.235V/0.75V): LPHCSL
10:0
bdiv_val
OUT0 buffer divider ratio, frequency plan A.
0x200 = div 1
0x400 = div 2
0x622 = div 3
0x000 = div 4
0x003 = div 5
0x022 = div 6
0x025 = div 7
0x044 = div 8
0x047 = div 9
0x066 = div 10
0x069 = div 11
0x088 = div 12
0x03B = div 13
0x0AA = div 14
0x0AD = div 15
0x0CC = div 16
0x0CF = div 17
0x0EE = div 18
0x0F1 = div 19
0x110 = div 20
0x113 = div 21
0x132 = div 22
0x135 = div 23
0x154 = div 24
0x157 = div 25
0x176 = div 26
0x179 = div 27
0x198 = div 28
0x19B = div 29
0x1BA = div 30
0x1BD = div 31
Address:
Name:
Default:
Type:
0x0061
output0_config2
0x03
R/W
Bit Field
Function Name
Description
7
en
OUT0 driver enable
0 = Disabled
1 = Enabled
6
reserved
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com