Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 22 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 22 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 18Page - Microchip Technology DSA504RT Datasheet HTML 19Page - Microchip Technology DSA504RT Datasheet HTML 20Page - Microchip Technology DSA504RT Datasheet HTML 21Page - Microchip Technology DSA504RT Datasheet HTML 22Page - Microchip Technology DSA504RT Datasheet HTML 23Page - Microchip Technology DSA504RT Datasheet HTML 24Page - Microchip Technology DSA504RT Datasheet HTML 25Page - Microchip Technology DSA504RT Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 22
4:0
sel_gpio0_func
GPIO0 pin function select. All decodes make GPIO0 an input that
controls something except 17-21.
0 = None
1 = OUT0 output enable (GPIO0 = 1 for output enabled, same for
enables below)
2 = OUT1 output enable
3 = OUT2 output enable
4 = OUT3 output enable
5 = OUT4 output enable
6 = OUT5 output enable
7 = OUT0-OUT5 output enable
8 = OUT0-OUT2 output enable
9 = OUT3-OUT5 output enable
10 = FS0 (frequency select 0) for back-end (i.e. output) dividers with A vs
B frequency plan indicated by sel_bank_bed[5:0] register bits.
11 = FS1 (frequency select 1) (GPIO0 = 0 for A frequency plan, GPIO0 = 1
for B frequency plan for entire device)
12 = Spread spectrum enable for FDIV1 (GPIO0 = 1 for enabled)
13 = Spread spectrum enable for FDIV2
14 = Spread spectrum enable for FDIV1 and FDIV2
15 = Spread spectrum modulation frequency multiple for FDIV1 and
FDIV2 (GPIO0 = 0 for 1x, GPIO0 = 1 for 2x)
16 = Reference select (This option is not available on DSA504RT)
17 = PLL loss of lock output
18 = PLL loss of source output
19 = Temperature sensor out of range output
20 = OTP checksum failure output
21 = CLKIN monitor out of range output
28 = Synchronize back end dividers in same frequency plan (A or B) on
0-to-1 transition
30 = Low-power standby mode
31 = I2C client address least-significant bit
Only one GPIO can be configured for each input control function.
Only one GPIO can be configured to have output enable control for
each of OUT0-OUT5. Only one GPIO can be configured to have spread
spectrum enable control for each of FDIV1 and FDIV2. OTP failure sets
GPIO0=1 but does not stop the device.
Address:
Name:
Default:
Type:
0x0052
config_0x52
0x00
R/W
Bit Field
Function Name
Description
7
fusa_clr_lol
FUSA FAULT0 PLL_LOL clear trigger signal.
0 = normal operation
0->1 transition clears flag
6:5
fusa_cnt_xclk
FUSA FAULT6 CLKMON consecutive hits before setting the flag.
0 = 4 (default)
1 = 8
2 = 16
3 = 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com