Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 44 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 44 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 40Page - Microchip Technology DSA504RT Datasheet HTML 41Page - Microchip Technology DSA504RT Datasheet HTML 42Page - Microchip Technology DSA504RT Datasheet HTML 43Page - Microchip Technology DSA504RT Datasheet HTML 44Page - Microchip Technology DSA504RT Datasheet HTML 45Page - Microchip Technology DSA504RT Datasheet HTML 46Page - Microchip Technology DSA504RT Datasheet HTML 47Page - Microchip Technology DSA504RT Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 73 page
background image
DSA504RT
Register Map
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 44
Address:
Name:
Default:
Type:
0x009E
oc2_divn
0x00
R/W
Bit Field
Function Name
Description
7:5
post_div
INTDIV2 post-divider, frequency plan A. See oc1_divn::post_div at 0x9B.
4:0
div
INTDIV2 divider, frequency plan A. See oc1_divn::div at 0x9B.
Address:
Name:
Default:
Type:
0x009F
oc2_divn_pdn
0xF
R/W
Bit Field
Function Name
Description
7:4
reserved
—
3:2
pdn_b
INTDIV2 divider power down, frequency plan B. See
oc1_divn_pdn::pdn_b.
1:0
pdn
INTDIV2 divider power down, frequency plan A. See oc1_divn_pdn::pdn.
Address:
Name:
Default:
Type:
0x00A0
oc2_divn_b
0x00
R/W
Bit Field
Function Name
Description
7:5
pos_div_b
INTDIV2 post divider, frequency plan B. See oc1_divn::post_div at 0x9B.
4:0
div_b
INTDIV2 divider, frequency plan B. See oc1_divn::div at 0x9B.
Address:
Name:
Default:
Type:
0x00A1:0x00A5
fd1_div
0x0000000000
R/W
Bit Field
Function Name
Description
39:0
—
FDIV1 frequency plan A fractional divider value. Bits 39:36 are integer.
Bits 35:0 are fraction.
Address:
Name:
Default:
Type:
0x00A6:0x00A7
fd1_den
0x0000
R/W
Bit Field
Function Name
Description
15:0
—
FDIV1 fractional divider denominator. Can be used with fd1_rem to
sigma-delta modulate FDIV1's lsb when 0ppm frequency conversion
from CLKIN is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com