Electronic Components Datasheet Search
  English  ▼

X  

DSA504RT Datasheet(PDF) 10 Page - Microchip Technology

Part # DSA504RT
Description  Low-Power, Low-Jitter, Six-Output Clock Generator for Space Applications
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA504RT Datasheet(HTML) 10 Page - Microchip Technology

Back Button DSA504RT Datasheet HTML 6Page - Microchip Technology DSA504RT Datasheet HTML 7Page - Microchip Technology DSA504RT Datasheet HTML 8Page - Microchip Technology DSA504RT Datasheet HTML 9Page - Microchip Technology DSA504RT Datasheet HTML 10Page - Microchip Technology DSA504RT Datasheet HTML 11Page - Microchip Technology DSA504RT Datasheet HTML 12Page - Microchip Technology DSA504RT Datasheet HTML 13Page - Microchip Technology DSA504RT Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 73 page
background image
DSA504RT
Functional Description
 Preliminary Data Sheet
© 2025 Microchip Technology Inc. and its subsidiaries
DS50004033A - 10
Figure 3-4. Interfacing Clock Input with LVDS Driver
Figure 3-5. Interfacing Clock Input with LVPECL Driver
3.4.
Outputs Enable Control
In addition to output control via I2C, each GPIO pin can be programmed to be OEx (Output Enable)
for one or for a group of outputs (see Table 3-1). OEx is active high and the output is enabled/
disabled synchronously to offer glitch-free transitions. As shown in the figures below, after the
change in the logic level of the OEx, the output enable/disable will occur after two to four output
clock cycles. The user can enable (default) or disable any output independently through the I2C
interface by setting the corresponding obufx_en register or using dedicated GPIO (see Table 3-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com